Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADE7751AN Datasheet(PDF) 12 Page - Analog Devices

Part # ADE7751AN
Description  Energy Metering IC with On-Chip Fault Detection
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADE7751AN Datasheet(HTML) 12 Page - Analog Devices

Back Button ADE7751AN Datasheet HTML 8Page - Analog Devices ADE7751AN Datasheet HTML 9Page - Analog Devices ADE7751AN Datasheet HTML 10Page - Analog Devices ADE7751AN Datasheet HTML 11Page - Analog Devices ADE7751AN Datasheet HTML 12Page - Analog Devices ADE7751AN Datasheet HTML 13Page - Analog Devices ADE7751AN Datasheet HTML 14Page - Analog Devices ADE7751AN Datasheet HTML 15Page - Analog Devices ADE7751AN Datasheet HTML 16Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
REV. 0
ADE7751
–12–
Figure 7 shows two typical connections for Channel V2. The first
option uses a PT (potential transformer) to provide complete isola-
tion from the mains voltage. In the second option, the ADE7751
is biased around the neutral wire and a resistor divider is used to
provide a voltage signal that is proportional to the line voltage.
Adjusting the ratio of Ra and Rb is also a convenient way of
carrying out a gain calibration on the meter.
660mV
Ra
Rb
VR
V2P
AGND
Rf
Rf
CT
NEUTRAL
PHASE
V2N
Cf
Cf
660mV
V2P
Rf
NEUTRAL
PHASE
V2N
Cf
Cf
NOTE
Ra
Rf;
Rb + VR = Rf
Figure 7. Typical Connections for Channel 2
POWER SUPPLY MONITOR
The ADE7751 contains an on-chip power supply monitor. The
analog supply (AVDD) is continuously monitored by the ADE7751.
If the supply is less than 4 V
± 5%, the ADE7751 will be reset.
This is useful to ensure correct device start up at power-up and
power-down. The power supply monitor has built-in hysteresis
and filtering. This gives a high degree of immunity to false
triggering due to noisy supplies.
As can be seen in Figure 8, the trigger level is nominally set at 4 V.
The tolerance on this trigger level is about
±5%. The power supply
and decoupling for the part should be such that the ripple at AVDD
does not exceed 5 V
± 5% as specified for normal operation.
AVDD
5V
4V
0V
INTERNAL
RESET
RESET
TIME
ACTIVE
RESET
Figure 8. On-Chip Power Supply Monitor
HPF and Offset Effects
Figure 9 shows the effect of offsets on the real power calculation. As
shown in Figure 9, an offset on Channel 1 and Channel 2 will
contribute a dc component after multiplication. Since this dc
component is extracted by the LPF and used to generate the real
power information, the offsets will have contributed a constant
error to the real power calculation. This problem is easily avoided by
enabling the HPF (i.e., pin AC/
DC is set logic high) in Channel 1.
By removing the offset from at least one channel, no error component
can be generated at dc by the multiplication. Error terms at cos(
ωt)
are removed by the LPF and the digital-to-frequency conversion—
see Digital-to-Frequency Conversion section.
Vt
V
I
t
I
VI
VI
VI
t
VI
t
VI
t
OS
OS
OS
OS
OS
OS
cos(
)
cos(
)
cos(
)
cos(
)
cos(
)
ωω
ω
ωω
+
() ××
+
() =
×
+×
+× ×
+×
×
+
×
×
2
2
2
VOS
IOS
IOS
V
VOS
I
DC COMPONENT (INCLUDING ERROR TERM)
IS EXTRACTED BY THE LPF FOR REAL
POWER CALCULATION
2
FREQUENCY – RAD/S
2
V
I
0
Figure 9. Effect of Channel Offsets on the
Real Power Calculation
The HPF in Channel 1 has an associated phase response that is
compensated for on-chip. The phase compensation is activated
when the HPF is enabled and is disabled when the HPF is not
activated. Figures 10 and 11 show the phase error between chan-
nels with the compensation network activated. The ADE7751
is phase compensated up to 1 kHz as shown. This will ensure
correct active harmonic power calculation even at low-power factors.
FREQUENCY – Hz
0
100
–0.05
–0.10
0
0.05
0.10
0.15
0.20
0.25
0.30
200
300
400
500
600
700
800
900 1000
Figure 10. Phase Error Between Channels (0 Hz to 1 kHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com