Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADF4153BCP Datasheet(PDF) 8 Page - Analog Devices

Part # ADF4153BCP
Description  Fractional-N Frequency Synthesizer
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4153BCP Datasheet(HTML) 8 Page - Analog Devices

Back Button ADF4153BCP Datasheet HTML 4Page - Analog Devices ADF4153BCP Datasheet HTML 5Page - Analog Devices ADF4153BCP Datasheet HTML 6Page - Analog Devices ADF4153BCP Datasheet HTML 7Page - Analog Devices ADF4153BCP Datasheet HTML 8Page - Analog Devices ADF4153BCP Datasheet HTML 9Page - Analog Devices ADF4153BCP Datasheet HTML 10Page - Analog Devices ADF4153BCP Datasheet HTML 11Page - Analog Devices ADF4153BCP Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
ADF4153
Rev. A | Page 8 of 24
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5 to Figure 10: RFOUT = 1.722 GHz, PFD Freq = 26 MHz, INT = 66, Channel Spacing = 200 kHz, Modulus = 130, Fraction = 1/130,
and ICP = 5 mA.
Loop Bandwidth = 20 kHz, Reference = Fox 10 MHz TCXO, VCO = Vari-L VCO190-1750T, Eval Board = Eval-ADF4153EB1,
measurements taken on HP8562E spectrum analyzer.
0
–30
–50
–80
–90
–100
–60
–70
–40
–20
–10
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 26MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
LOWEST NOISE MODE
N = 66 1/130
RBW = 10Hz
REFERENCE
LEVEL = –4dBm
–102dBc/Hz
–2kHz
–1kHz
1kHz
2kHz
1.722GHz
Figure 5. Phase Noise (Lowest Noise Mode)
0
–30
–50
–80
–90
–100
–60
–70
–40
–20
–10
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 26MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
LOW NOISE AND
SPUR MODE
N = 66 1/130
RBW = 10Hz
REFERENCE
LEVEL = –4.2dBm
–95dBc/Hz
–2kHz
–1kHz
1kHz
2kHz
1.722GHz
Figure 6. Phase Noise (Low Noise Mode and Spur Mode)
0
–30
–50
–80
–90
–100
–60
–70
–40
–20
–10
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 26MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
LOWEST SPUR MODE
N = 66 1/130
RBW = 10Hz
REFERENCE
LEVEL = –4.2dBm
–90dBc/Hz
–2kHz
–1kHz
1kHz
2kHz
1.722GHz
Figure 7. Phase Noise (Lowest Spur Mode)
0
–30
–50
–80
–90
–60
–70
–40
–20
–10
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 26MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
LOWEST NOISE MODE
N = 66 1/130
RBW = 10Hz
REFERENCE
LEVEL = –4.2dBm
–71dBc@200kHz
–400kHz
–200kHz
200kHz
400kHz
1.722GHz
–100
Figure 8. Spurs (Lowest Noise Mode)
0
–30
–50
–80
–90
–100
–60
–70
–40
–20
–10
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 26MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
LOW NOISE AND
SPUR MODE
N = 66 1/130
RBW = 10Hz
REFERENCE
LEVEL = –4.2dBm
–74dBc@200kHz
–400kHz
–200kHz
200kHz
400kHz
1.722GHz
Figure 9. Spurs (Low Noise and Spur Mode)
0
–30
–50
–80
–90
–100
–60
–70
–40
–20
–10
VDD = 3V, VP = 5V
ICP = 5mA
PFD FREQUENCY = 26MHz
CHANNEL STEP = 200kHz
LOOP BANDWIDTH = 20kHz
LOWEST SPUR NOISE
N = 66 1/130
RBW = 10Hz
REFERENCE
LEVEL = –4.2dBm
–400kHz
–200kHz
200kHz
400kHz
1.722GHz
Figure 10. Spurs (Lowest Spur Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com