Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GD65232DBR Datasheet(PDF) 6 Page - Texas Instruments

Part # GD65232DBR
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

GD65232DBR Datasheet(HTML) 6 Page - Texas Instruments

Back Button GD65232DBR Datasheet HTML 2Page - Texas Instruments GD65232DBR Datasheet HTML 3Page - Texas Instruments GD65232DBR Datasheet HTML 4Page - Texas Instruments GD65232DBR Datasheet HTML 5Page - Texas Instruments GD65232DBR Datasheet HTML 6Page - Texas Instruments GD65232DBR Datasheet HTML 7Page - Texas Instruments GD65232DBR Datasheet HTML 8Page - Texas Instruments GD65232DBR Datasheet HTML 9Page - Texas Instruments GD65232DBR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 23 page
background image
GD65232, GD75232
MULTIPLE RS232 DRIVERS AND RECEIVERS
SLLS206J − MAY 1995 − REVISED NOVEMBER 2004
6
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
RECEIVER SECTION
electrical characteristics over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
VIT+
Positive-going input threshold voltage
TA = 25°C,
See Figure 5
1.75
1.9
2.3
V
VIT+
Positive-going input threshold voltage
TA = 0°C to 70°C,
See Figure 5
1.55
2.3
V
VIT−
Negative-going input threshold voltage
0.75
0.97
1.25
V
Vhys
Input hysteresis voltage (VIT+ − VIT−)
0.5
V
VOH
High-level output voltage
IOH = −0.5 mA
VIH = 0.75 V
2.6
4
5
V
VOH
High-level output voltage
IOH = −0.5 mA
Inputs open
2.6
V
VOL
Low-level output voltage
IOL = 10 mA,
VI = 3 V
0.2
0.45
V
VI = 25 V,
See Figure 5
GD65232
3.6
11
IIH
High-level input current
VI = 25 V,
See Figure 5
GD75232
3.6
8.3
mA
IIH
High-level input current
VI = 3 V,
See Figure 5
0.43
mA
VI = −25 V,
See Figure 5
GD65232
−3.6
−11
IIL
Low-level input current
VI = −25 V,
See Figure 5
GD75232
−3.6
−8.3
mA
IIL
Low-level input current
VI = −3 V,
See Figure 5
−0.43
mA
IOS
Short-circuit output current
See Figure 4
−3.4
−12
mA
† All typical values are at TA = 25°C, VCC = 5 V, VDD = 9 V, and VSS = −9 V.
switching characteristics, VCC = 5 V, VDD = 12 V, VSS = −12 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
107
250
ns
tPHL
Propagation delay time, high- to low-level output
CL = 50 pF,
RL = 5 kΩ
See Figure 6
42
150
ns
tTLH
Transition time, low- to high-level output
CL = 50 pF,
RL = 5 kΩ,
See Figure 6
175
350
ns
tTHL
Transition time, high- to low-level output
16
60
ns
tPLH
Propagation delay time, low- to high-level output
100
160
ns
tPHL
Propagation delay time, high- to low-level output
CL = 15 pF,
RL = 1.5 kΩ
See Figure 6
60
100
ns
tTLH
Transition time, low- to high-level output
CL = 15 pF,
RL = 1.5 kΩ, See Figure 6
90
175
ns
tTHL
Transition time, high- to low-level output
15
50
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com