Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS1242 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1242
Description  24-Bit ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS1242 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1242 Datasheet HTML 1Page - Texas Instruments ADS1242 Datasheet HTML 2Page - Texas Instruments ADS1242 Datasheet HTML 3Page - Texas Instruments ADS1242 Datasheet HTML 4Page - Texas Instruments ADS1242 Datasheet HTML 5Page - Texas Instruments ADS1242 Datasheet HTML 6Page - Texas Instruments ADS1242 Datasheet HTML 7Page - Texas Instruments ADS1242 Datasheet HTML 8Page - Texas Instruments ADS1242 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
24-Bit
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q 24 BITS NO MISSING CODES
q SIMULTANEOUS 50Hz AND 60Hz REJECTION
(–90dB MINIMUM)
q 0.0015% INL
q 21 BITS EFFECTIVE RESOLUTION
(PGA = 1), 19 BITS (PGA = 128)
q PGA GAINS FROM 1 TO 128
q SINGLE-CYCLE SETTLING
q PROGRAMMABLE DATA OUTPUT RATES
q EXTERNAL DIFFERENTIAL REFERENCE
OF 0.1V TO 5V
q ON-CHIP CALIBRATION
q SPI™ COMPATIBLE
q 2.7V TO 5.25V SUPPLY RANGE
q 600
µW POWER CONSUMPTION
q UP TO EIGHT INPUT CHANNELS
q UP TO EIGHT DATA I/O
DESCRIPTION
The ADS1242 and ADS1243 are precision, wide dynamic
range, delta-sigma, analog-to-digital (A/D) converters with
24-bit resolution operating from 2.7V to 5.25V supplies.
These delta-sigma, A/D converters provide up to 24 bits of no
missing code performance and effective resolution of 21 bits.
The input channels are multiplexed. Internal buffering can be
selected to provide a very high input impedance for direct
connection to transducers or low-level voltage signals. Burn-
out current sources are provided that allow for the detection
of an open or shorted sensor. An 8-bit digital-to-analog
converter (DAC) provides an offset correction with a range of
50% of the FSR (Full-Scale Range).
The Programmable Gain Amplifier (PGA) provides selectable
gains of 1 to 128 with an effective resolution of 19 bits at a gain
of 128. The A/D conversion is accomplished with a second-order
delta-sigma modulator and programmable FIR filter that pro-
vides a simultaneous 50Hz and 60Hz notch. The reference input
is differential and can be used for ratiometric conversion.
The serial interface is SPI compatible. Up to eight bits of data
I/O are also provided that can be used for input or output. The
ADS1242 and ADS1243 are designed for high-resolution
measurement applications in smart transmitters, industrial
process control, weight scales, chromatography, and portable
instrumentation.
APPLICATIONS
q INDUSTRIAL PROCESS CONTROL
q LIQUID /GAS CHROMATOGRAPHY
q BLOOD ANALYSIS
q SMART TRANSMITTERS
q PORTABLE INSTRUMENTATION
q WEIGHT SCALES
ADS1242
ADS1243
SBAS235B – DECEMBER 2001 – OCTOBER 2004
www.ti.com
Copyright © 2001-2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
®
ADS1
243
®
ADS1
242
BUF
PGA
A = 1:128
+
Clock Generator
Serial Interface
2nd-Order
Modulator
GND
V
DD
IN+
IN–
V
REF+
V
REF–
X
IN
X
OUT
PDWN
DRDY
SCLK
D
IN
D
OUT
CS
MUX
A
IN0/D0
A
IN1/D1
A
IN2/D2
A
IN3/D3
A
IN4/D4
A
IN5/D5
A
IN6/D6
A
IN7/D7
Controller
Registers
Digital
Filter
2
µA
V
DD
Offset
DAC
GND
2
µA
ADS1243
Only
All trademarks are the property of their respective owners.


Similar Part No. - ADS1242

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1242 TI1-ADS1242 Datasheet
1Mb / 33P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI2-ADS1242 Datasheet
780Kb / 34P
24-Bit ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2013
ADS1242IPWR TI1-ADS1242IPWR Datasheet
1Mb / 32P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1242IPWR TI2-ADS1242IPWR Datasheet
780Kb / 34P
24-Bit ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2013
ADS1242IPWR.B TI2-ADS1242IPWR.B Datasheet
780Kb / 34P
24-Bit ANALOG-TO-DIGITAL CONVERTER
REVISED OCTOBER 2013
More results

Similar Description - ADS1242

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS1210 BURR-BROWN-ADS1210 Datasheet
557Kb / 41P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS1240 TI-ADS1240 Datasheet
416Kb / 23P
24-Bit ANALOG-TO-DIGITAL CONVERTER
logo
List of Unclassifed Man...
AL1101 ETC2-AL1101 Datasheet
173Kb / 8P
24-Bit Analog-to-Digital Converter
logo
Texas Instruments
ADS1243-HT TI1-ADS1243-HT Datasheet
522Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1222IPWTG4 TI1-ADS1222IPWTG4 Datasheet
621Kb / 26P
24-Bit Analog-to-Digital Converter
ADS1243SJD TI1-ADS1243SJD Datasheet
514Kb / 40P
24-BIT ANALOG-TO-DIGITAL CONVERTER
ADS1242 TI1-ADS1242_14 Datasheet
1Mb / 33P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_14 Datasheet
1Mb / 31P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1210 TI1-ADS1210_15 Datasheet
1Mb / 50P
24-Bit ANALOG-TO-DIGITAL CONVERTER
ADS1240 TI1-ADS1240_16 Datasheet
1,019Kb / 30P
24-Bit ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com