| Electronic Components Datasheet Search |
|
DP8390DN Datasheet(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP8390DN Datasheet(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 56 page ![]() 90 Remote DMA (Continued) Maximum Bus Latency for Byte Mode TLF8582 – 98 Maximum Bus Latency for Word Mode TLF8582 – 99 byte has entered the FIFO thus with an 8 byte threshold the NIC issues Bus Request (BREQ) when the 9th byte has entered the FIFO For Word Mode BREQ is not generated until the na2 bytes have entered the FIFO Thus with a 4 word threshold (equivalent to 8 byte threshold) BREQ is issued when the 10th byte has entered the FIFO The two graphs the figures above indicate the maximum allowable bus latency for Word and Byte transfer modes The FIFO at the Beginning of Transmit Before transmitting the NIC performs a prefetch from mem- ory to load the FIFO The number of bytes prefetched is the programmed FIFO threshold The next BREQ is not issued until after the NIC actually begins trasmitting data ie after SFD The Transmit Prefetch diagram illustrates this process SEND PACKET COMMAND The Remote DMA channel can be automatically initialized to transfer a single packet from the Receive Buffer Ring The CPU begins this transfer by issuing a ‘‘Send Packet’’ Command The DMA will be initialized to the value of the Boundary Pointer Register and the Remote Byte Count Register pair (RBCR0 RBCR1) will be initialized to the value of the Receive Byte Count fields found in the Buffer Header of each packet After the data is transferred the Boundary Pointer is advanced to allow the buffers to be used for new receive packets The Remote Read will terminate when the Byte Count equals zero The Remote DMA is then prepared to read the next packet from the Receive Buffer Ring If the DMA pointer crosses the Page Stop Register it is reset to the Page Start Address This allows the Remote DMA to remove packets that have wrapped around to the top of the Receive Buffer Ring Note 1 In order for the NIC to correctly execute the Send Packet Com- mand the upper Remote Byte Count Register (RBCR1) must first be loaded with 0FH Note 2 The Send Packet command cannot be used with 68000 type proc- essors Transmit Prefetch Timing TLF8582 – A0 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |