| Electronic Components Datasheet Search |
|
ADS7871 Datasheet(PDF) 21 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ADS7871 Datasheet(HTML) 21 Page - Texas Instruments |
|
21 / 42 page ![]() ADS7871 SLAS370C − APRIL 2002 − REVISED OCTOBER 2004 www.ti.com 21 Multiplexer Addressing The last four bits in the instruction byte (during a start conversion instruction) or the Gain/Mux register (ADDR = 4) assign the multiplexer configuration for the requested conversion. The input channels may be placed in either differential or single-ended configurations. For differential configurations, the polarity of the input signal is reversible by the state of M2 (Bit D2). In single-ended mode, all input channels are measured with respect to system ground (pin 25). Figure 23 shows some examples of multiplexer assignments and Figure 24 provides the coding for the input channel selection. EXAMPLES OF MULTIPLEXER OPTIONS LN0, LN1 Channel 4 Differential LN2, LN3 LN4, LN5 LN6, LN7 LN0, LN1 LN2, LN3 LN0 LN1 LN2 LN3 LN4 LN5 LN6 LN7 + + + + + + + + + – + – – + – + + – – + + + + + Channel 8 Single−Ended LN4 LN5 LN6 LN7 Channel Differential and Single−Ended Figure 23. Examples of Multiplexer Options CODING FOR DIFFERENTIAL INPUT CHANNEL SELECT CODING FOR SINGLE-ENDED INPUT CHANNEL SELECT (negative input is ground) SELECTION BITS INPUT LINES SELECTION BITS INPUT LINES M3 M2 M1 M0 LN0 LN1 LN2 LN3 LN4 LN5 LN6 LN7 M3 M2 M1 M0 LN0 NL1 LN2 LN3 LN4 LN5 LN6 LN7 0 0 0 0 + − 1 0 0 0 + 0 0 0 1 + − 1 0 0 1 + 0 0 1 0 + − 1 0 1 0 + 0 0 1 1 + − 1 0 1 1 + 0 1 0 0 − + 1 1 0 0 + 0 1 0 1 − + 1 1 0 1 + 0 1 1 0 − + 1 1 1 0 + 0 1 1 1 − + 1 1 1 1 + NOTE: Bit M3 selects either differential or single-ended mode. If differential mode is selected, bit M2 determines the polarity of the input channels. Bold items are power-up default conditions. Figure 24. Multiplexer Addressing |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |