Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS91M047TMA/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # DS91M047TMA/NOPB
Description  125 MHz Quad M-LVDS Line Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS91M047TMA/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  DS91M047TMA/NOPB Datasheet HTML 1Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 2Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 3Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 4Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 5Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 6Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 7Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 8Page - Texas Instruments DS91M047TMA/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
DS91M047
SNLS145E – JUNE 2008 – REVISED APRIL 2013
www.ti.com
DC ELECTRICAL CHARACTERISTICS
(1) (2) (3) (4)
Over supply voltage and operating temperature ranges, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ
Max
Units
LVCMOS DC Specifications
VIH
High-Level Input Voltage
2.0
VDD
V
VIL
Low-Level Input Voltage
GND
0.8
V
IIH
High-Level Input Current
VIH = 3.6V
-15
±1
15
μA
IIL
Low-Level Input Current
VIL = 0V
-15
±1
15
μA
VCL
Input Clamp Voltage
IIN = -18 mA
-1.5
V
M-LVDS DC Specifications
|VAB|
Differential Output Voltage Magnitude
480
650
mV
RL = 50Ω, CL = 5 pF
ΔVAB
Change in Differential Output Voltage Magnitude
See Figure 1 and Figure 3
−50
50
mV
Between Logic States
VOS(SS)
Steady-State Common-Mode Output Voltage
0.30
1.6
2.10
V
RL = 50Ω
|
ΔVOS(SS)|
Change in Steady-State Common-Mode Output Voltage
See Figure 1 and Figure 2
0
50
mV
Between Logic States
VA(OC)
Maximum Steady-State Open-Circuit Output Voltage
0
2.4
V
See Figure 4
VB(OC)
Maximum Steady-State Open-Circuit Output Voltage
0
2.4
V
VP(H)
Voltage Overshoot, Low-to-High Level Output(5)
RL = 50Ω, CL = 5 pF
1.2VSS
V
CD = 0.5 pF, see Figure 6
VP(L)
Voltage Overshoot, High-to-Low Level Output(5)
−0.2VSS
V
and Figure 7
IOS
Output Short-Circuit Current(6)
See Figure 5
-43
43
mA
VA = 3.8V, VB = 1.2V
0
32
μA
IA
Driver High-Impedance Output Current
VA = 0V or 2.4V, VB = 1.2V
−20
20
μA
VA = −1.4V, VB = 1.2V
−32
0
μA
VA = 3.8V, VB = 1.2V
0
32
μA
IB
Driver High-Impedance Output Current
VA = 0V or 2.4V, VB = 1.2V
−20
20
μA
VA = −1.4V, VB = 1.2V
−32
0
μA
IAB
Driver High-Impedance Output Differential Curent
VA = VB, −1.4V ≤ V ≤ 3.8V
−4
4
μA
(IA − IB)
IA(OFF)
Driver High-Impedance Output Power-Off Current
VA = 3.8V, VB = 1.2V
DE = 0V
0
32
μA
0V
≤ VDD ≤ 1.5V
VA = 0V or 2.4V, VB = 1.2V
DE = 0V
−20
20
μA
0V
≤ VDD ≤ 1.5V
VA = −1.4V, VB = 1.2V
DE = 0V
−32
0
μA
0V
≤ VDD ≤ 1.5V
IB(OFF)
Driver High-Impedance Output Power-Off Current
VA = 3.8V, VB = 1.2V
DE = 0V
0
32
μA
0V
≤ VDD ≤ 1.5V
VA = 0V or 2.4V, VB = 1.2V
DE = 0V
−20
20
μA
0V
≤ VDD ≤ 1.5V
VA = −1.4V, VB = 1.2V
DE = 0V
−32
0
μA
0V
≤ VDD ≤ 1.5V
(1)
The Electrical Characteristics tables list ensured specifications under the listed Recommended Operating Conditions except as
otherwise modified or specified by the Electrical Characteristics Conditions and/or Notes. Typical specifications are estimations only and
are not ensured.
(2)
Current into device pins is defined as positive. Current out of device pins is defined as negative. All voltages are referenced to ground
except VOD and ΔVOD.
(3)
Typical values represent most likely parametric norms for VDD = +3.3V and TA = +25°C, and at the Recommended Operating Conditions
at the time of product characterization and are not ensured.
(4)
CL includes fixture capacitance and CD includes probe capacitance.
(5)
Specification is specified by characterization and is not tested in production.
(6)
Output short circuit current (IOS) is specified as magnitude only, minus sign indicates direction only.
4
Submit Documentation Feedback
Copyright © 2008–2013, Texas Instruments Incorporated
Product Folder Links: DS91M047



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com