Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7890IPFBT Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7890IPFBT
Description  14-BIT, 1.25-MSPS LOW POWER SAR ANALOG-TO-DIGITAL CONVERTER
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7890IPFBT Datasheet(HTML) 8 Page - Texas Instruments

Back Button ADS7890IPFBT Datasheet HTML 4Page - Texas Instruments ADS7890IPFBT Datasheet HTML 5Page - Texas Instruments ADS7890IPFBT Datasheet HTML 6Page - Texas Instruments ADS7890IPFBT Datasheet HTML 7Page - Texas Instruments ADS7890IPFBT Datasheet HTML 8Page - Texas Instruments ADS7890IPFBT Datasheet HTML 9Page - Texas Instruments ADS7890IPFBT Datasheet HTML 10Page - Texas Instruments ADS7890IPFBT Datasheet HTML 11Page - Texas Instruments ADS7890IPFBT Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
ADS7890
SLAS409 − DECEMBER 2003
www.ti.com
8
LSB
MSB
th2
tsu3
tw5
td3
td2
t(cyc)
twH
twL
th4
td5
th3
tw2
t(conv)
td4
t(acq), SAMPLE
Power Up
SCLK
CS
SDO
BUSY
12
3
8
9
14
15
16
Figure 1. Device Operation With SPI Interface (FS Held High)
DEVICE OPERATION WITH DSP INTERFACE (See Figure 2)
Device operation is controlled with CS, SCLK, and FS. The frame starts with the rising edge of FS with CS
already low. The MSB is latched out first on the SDO pin. The clock cycle, with the first falling edge after the
falling edge of FS is counted as first clock. Subsequent data bits are latched out on the SDO pin with every rising
edge of further clocks (until the 14th rising edge of SCLK). The device has a built-in NAP mode. The device
enters the NAP state with an end of conversion and continues to be in this state until the 8th SCLK rising edge.
The sampling switch is closed on the 9th rising edge and the device samples the analog input [+IN− (−IN)] and
enters the conversion phase on the 16th SCLK falling edge.
CS can be pulled high at any time after this. The BUSY signal goes high to indicate the conversion is in progress
and continues to be high until the end of conversion. A new frame can be started with the end of conversion.
LSB
MSB
td2
t(cyc)
th4
th3
t(conv)
td5
t(acq), SAMPLE
Power Up
SCLK
CS
FS
SDO
BUSY
th1
tsu2
twH
twL
tsu1
tw1
td1
td4
tw2
12
3
8
9
14
15
16
Figure 2. Device Operation With DSP Interface
POWERDOWN/RESET
A low level on the PWD/RST pin puts the device in the powerdown phase. This is an asynchronous signal. As
shown in Figure 4, the device is in the reset phase for the first tw3 period after the falling edge of PWD/RST.
SDO goes to three-state for a period of td7 after the falling edge of PWD/RST. The device powers down if the
PWD/RST pin continues to be low for a time period of more than tw4. Data is not valid for the first four
conversions after powerup (see Figure 3) or the end of reset (see Figure 4). The device is initialized during the
first four conversions.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com