Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS9637ACM/NOPB Datasheet(PDF) 2 Page - Texas Instruments

Part # DS9637ACM/NOPB
Description  Dual Differential Line Receiver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS9637ACM/NOPB Datasheet(HTML) 2 Page - Texas Instruments

  DS9637ACM/NOPB Datasheet HTML 1Page - Texas Instruments DS9637ACM/NOPB Datasheet HTML 2Page - Texas Instruments DS9637ACM/NOPB Datasheet HTML 3Page - Texas Instruments DS9637ACM/NOPB Datasheet HTML 4Page - Texas Instruments DS9637ACM/NOPB Datasheet HTML 5Page - Texas Instruments DS9637ACM/NOPB Datasheet HTML 6Page - Texas Instruments DS9637ACM/NOPB Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
DS9637A
SNLS388D – MAY 1998 – REVISED APRIL 2013
www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Absolute Maximum Ratings
(1) (2)
Storage Temperature Range
CDIP
−65°C to + 175°C
PDIP
−65°C to + 150°C
Lead Temperature
CDIP
(Soldering, 30 seconds)
300°C
PDIP and SOIC Packages
(Soldering, 10 seconds)
265°C
Maximum Power Dissipation(3) at 25°C
CDIP
1300 mW
PDIP
930 mW
SOIC
810 mW
VCC Lead Potential to Ground
−0.5V to 7.0V
Input Potential to Ground
±15V
Differential Input Voltage
±15V
Output Potential to Ground
−0.5V to +5.5V
Output Sink Current
50 mA
ESD Susceptibility, HBM
≥2 kV
(1)
Absolute Maximum Ratings are those values beyond which the safety of the device cannot be ensured. They are not meant to imply that
the devices should be operated at these limits. The tables of “Electrical Characteristics” provide conditions for actual device operation.
(2)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(3)
Derate CDIP 8.7 mW/°C above 25°C; derate PDIP 7.5 mW/°C above 25°C; derate SOIC package 6.5 mW/°C above 25°C.
Recommended Operating Conditions
DS9637AM
Min
Max
Units
Supply Voltage (VCC)
4.5
5.5
V
Operating Temperature (TA)
−55
+125
°C
DS9637AC
Supply Voltage (VCC)
4.75
5.25
V
Operating Temperature (TA)
0
+70
°C
2
Submit Documentation Feedback
Copyright © 1998–2013, Texas Instruments Incorporated
Product Folder Links: DS9637A



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com