Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DS99R101 Datasheet(PDF) 14 Page - Texas Instruments

Part # DS99R101
Description  DS99R101/DS99R102 3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DS99R101 Datasheet(HTML) 14 Page - Texas Instruments

Back Button DS99R101_13 Datasheet HTML 10Page - Texas Instruments DS99R101_13 Datasheet HTML 11Page - Texas Instruments DS99R101_13 Datasheet HTML 12Page - Texas Instruments DS99R101_13 Datasheet HTML 13Page - Texas Instruments DS99R101_13 Datasheet HTML 14Page - Texas Instruments DS99R101_13 Datasheet HTML 15Page - Texas Instruments DS99R101_13 Datasheet HTML 16Page - Texas Instruments DS99R101_13 Datasheet HTML 17Page - Texas Instruments DS99R101_13 Datasheet HTML 18Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 29 page
background image
DS99R101, DS99R102
SNLS240D – MARCH 2007 – REVISED APRIL 2013
www.ti.com
DS99R102 Deserializer Pin Descriptions (continued)
Pin #
Pin Name
I/O
Description
LVDS SERIAL INTERFACE PINS
41
RIN+
LVDS_I
Receiver LVDS True (+) Input This input is intended to be terminated with a 100 ohm load to the
RIN+ pin. The interconnect should be AC Coupled to this pin with a 100 nF capacitor.
42
RIN
−
LVDS_I
Receiver LVDS Inverted (
−) Input This input is intended to be terminated with a 100 ohm load to
the RIN- pin. The interconnect should be AC Coupled to this pin with a 100 nF capacitor.
POWER / GROUND PINS
39
VDDIR
VDD
Analog LVDS Voltage supply, Power
40
VSSIR
GND
Analog LVDS Ground
47
VDDPR0
VDD
Analog Voltage supply, PLL Power
46
VSSPR0
GND
Analog Ground, PLL Ground
45
VDDPR1
VDD
Analog Voltage supply, PLL VCO Power
44
VSSPR1
GND
Analog Ground, PLL VCO Ground
37
VDDR1
VDD
Digital Voltage supply, Logic Power
38
VSSR1
GND
Digital Ground, Logic Ground
36
VDDR0
VDD
Digital Voltage supply, Logic Power
35
VSSR0
GND
Digital Ground, Logic Ground
30
VDDOR1
VDD
Digital Voltage supply, LVCMOS Output Power
29
VSSOR1
GND
Digital Ground, LVCMOS Output Ground
20
VDDOR2
VDD
Digital Voltage supply, LVCMOS Output Power
19
VSSOR2
GND
Digital Ground, LVCMOS Output Ground
7
VDDOR3
VDD
Digital Voltage supply, LVCMOS Output Power
8
VSSOR3
GND
Digital Ground, LVCMOS Output Ground
14
Submit Documentation Feedback
Copyright © 2007–2013, Texas Instruments Incorporated
Product Folder Links: DS99R101 DS99R102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com