Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FM-704A/883 Datasheet(PDF) 5 Page - Interpoint Corporation Company

Part # FM-704A/883
Description  EMI Input Filter and Transient Suppression Module
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FM-704A/883 Datasheet(HTML) 5 Page - Interpoint Corporation Company

  FM-704A/883 Datasheet HTML 1Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 2Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 3Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 4Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 5Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 6Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 7Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 8Page - Interpoint Corporation Company FM-704A/883 Datasheet HTML 9Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
Notes
1. guaranteed by design, not tested.
2. Meets MIL-STD-1275A (AT) Surge and Figure 8 and 9 of
MIL-STD-704A. For these standards derate output power
linearly from 40 W at 105°C to 20 W at 125°C.
3. Meets Panavia SP-P-90001, British Standard BS3G100
and Civil Aircraft D0160 Standards.
4. Meets MIL-STD-461C 1.2 CS06 limits.
Electrical Characteristics: -55 to +125°C TC, nominal Vin, unless otherwise specified.
FM-704A
paraMeTer
coNDITIoNS
MIN
TYP
MAX
uNITS
INpuT VoLTage
No LoaD
0
28
40
VDC
40 W LoAD
16 1
28
40 1
UNDERVoLTAGE LoCKoUT
7
15
INpuT curreNT
16 VIN 1
2.5
A
40 VIN 1
1.0
No LoAD
5
mA
INHIBITED
2
INpuT Surge
40W,100V,0.5ΩZS, 60 ms 2
40
50
VoUT
INpuT SpIKe
40W,400V,0.5ΩZS, 5 ms 3
50
VoUT
40W,600V,50ΩZS, 10 ms 1, 4
50
DIFFereNTIaL MoDe
NoISe reJecTIoN
500 kHz
60
dB
1 MHz
55
Dc reSISTaNce (rDc) 1
Tc = 25°c
0.45
ohms
ouTpuT VoLTage
STeaDy STaTe
VoUT = VIN - IIN(RDC)
VDC
INhIBITeD
1
ouTpuT curreNT 1
16 VIN
2.5
A
40 VIN
1.0
INTerNaL power
DISSIpaTIoN 1
peaK
Tc = 105°c
1000
W
Tc = 125°c
500
coNTINuouS ( > Sec)
Tc = 105°c
30
Tc = 125°c
15
capacITaNce
aNy pIN To caSe, Tc = 25°c
8.58
16.5
nF
Crane Aerospace & Electronics Power Solutions
FM-704a eMi input Filter and transient suppression Module
28 Volt input – 40 Watt
www.craneae.com/interpoint
Page 5 of 9
FM-704A Rev C - 2011.11.07



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com