Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FMCE-0828/883 Datasheet(PDF) 2 Page - Interpoint Corporation Company

Part # FMCE-0828/883
Description  EMI Input Filters 28 Volt input ??8 Amp
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

FMCE-0828/883 Datasheet(HTML) 2 Page - Interpoint Corporation Company

  FMCE-0828/883 Datasheet HTML 1Page - Interpoint Corporation Company FMCE-0828/883 Datasheet HTML 2Page - Interpoint Corporation Company FMCE-0828/883 Datasheet HTML 3Page - Interpoint Corporation Company FMCE-0828/883 Datasheet HTML 4Page - Interpoint Corporation Company FMCE-0828/883 Datasheet HTML 5Page - Interpoint Corporation Company FMCE-0828/883 Datasheet HTML 6Page - Interpoint Corporation Company FMCE-0828/883 Datasheet HTML 7Page - Interpoint Corporation Company FMCE-0828/883 Datasheet HTML 8Page - Interpoint Corporation Company FMCE-0828/883 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Operating COnditiOns and
CharaCteristiCs
input Voltage range
Continuous -0.5 to 50 VDC
•
Transient -0.5 to 80 V for 1 second
•
lead soldering temperature (10 sec per lead)
300°C
•
storage temperature range (case)
-65°C to +150°C
•
case operating temperature (tc)
-55°C to +125°C full power
•
-55°C to +135°C absolute
•
Derating input/output current
Linearly from 100% at 125°C to 80% at 135° C
•
isolation (tc = 25°c)
100 megohm minimum at 500 VDC
•
electrostatic Discharge (esD) sensitivity per Mil-prF-38534
Classification 3B, 8000 V
•
meChaniCal and envirOnmental
size (maximum)
Case F5, down-leaded
•
1.945 x 1.350 x 0.405 inches (49.40 x 34.29 x 10.29 mm)
‣
Case J6, down-leaded flanged
•
2.720 x 1.350 x 0.405 inches (69.09 x 34.29 x 10.29 mm).
‣
Case U, side-leaded
•
3.005 x 1.505 x 0.400 inches (76.33 x 38.23 x 10.16 mm)
‣
Weight (maximum)
60 grams cases F5 and J6
•
86 grams typical case U
•
screening
The FMCE-0828 EMI Input filter offers Standard, /ES or 883, Class
H, QML screening. See Screening Tables 1 and 2 for more informa-
tion.
Positive
Input
Input
Common
Positive
Output
Output
Common
FIguRe 2: scheMatIc FMce-0828
+Vin
+Vout
Input
Common
Output
Common
Case
RL
RL
EMI FILTER
DC/DC CONVERTER
+Vin
+Vout
Input
Common
Output
Common
Case
Chassis
ground
Multiple units
allowed up to
rated output
current of filter
Figure 1: ConneCtion Diagram
The case ground connection between the filter and the converter should be as
low an impedance as possible to minimize EMI. Direct contact of baseplate to
chassis ground provides the lowest impedance.
Crane Aerospace & Electronics Power Solutions
www.craneae.com/interpoint
Page 2 of 11
FMce-0828 eMi input Filters
28 Volt input – 8 aMp
FMCE-0828 Rev J - 2011.09.08



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com