Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR02AR Datasheet(PDF) 14 Page - Analog Devices

Part # ADR02AR
Description  Ultracompact Precision10 V/5 V/2.5 V/3.0 V Voltage References
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02AR Datasheet(HTML) 14 Page - Analog Devices

Back Button ADR02AR Datasheet HTML 10Page - Analog Devices ADR02AR Datasheet HTML 11Page - Analog Devices ADR02AR Datasheet HTML 12Page - Analog Devices ADR02AR Datasheet HTML 13Page - Analog Devices ADR02AR Datasheet HTML 14Page - Analog Devices ADR02AR Datasheet HTML 15Page - Analog Devices ADR02AR Datasheet HTML 16Page - Analog Devices ADR02AR Datasheet HTML 17Page - Analog Devices ADR02AR Datasheet HTML 18Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Rev. F | Page 14 of 20
VIN 5V/DIV
VOUT 100mV/DIV
TIME (1.00ms/DIV)
NO LOAD CAPACITOR
LOAD OFF
LOAD ON
LOAD = 5mA
Figure 28. ADR02 Load Transient Response
CLOAD = 100nF
VIN 5V/DIV
VOUT 100mV/DIV
TIME (1.00ms/DIV)
LOAD OFF
LOAD ON
LOAD = 5mA
Figure 29. ADR02 Load Transient Response
CIN = 0.01µF
NO LOAD CAPACITOR
VIN 10V/DIV
VOUT 5V/DIV
TIME (4
µs/DIV)
Figure 30. ADR02 Turn-Off Response
VIN 10V/DIV
VOUT 5V/DIV
TIME (4
µs/DIV)
CIN = 0.01µF
NO LOAD CAPACITOR
Figure 31. ADR02 Turn-On Response
VIN 10V/DIV
VOUT 5V/DIV
TIME (4
µs/DIV)
CL = 0.01µF
NO INPUT CAPACITOR
Figure 32. ADR02 Turn-Off Response
VOUT 5V/DIV
VIN 10V/DIV
TIME (4
µs/DIV)
CL = 0.01µF
NO INPUT CAPACITOR
Figure 33. ADR02 Turn-On Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com