Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MCH2805S Datasheet(PDF) 1 Page - Interpoint Corporation Company

Part # MCH2805S
Description  MCH/MGH Single and Dual DC-DC Converters 28 Volt input ??1.5 Watt
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MCH2805S Datasheet(HTML) 1 Page - Interpoint Corporation Company

  MCH2805S_13 Datasheet HTML 1Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 2Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 3Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 4Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 5Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 6Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 7Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 8Page - Interpoint Corporation Company MCH2805S_13 Datasheet HTML 9Page - Interpoint Corporation Company Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
Features
small footprint, 0.79 in2 (5.1 cm2) - MCH
surface mount package - MGH
• Operatingtemperature-55°Cto+125°C
• Inputvoltage12to50VDC
• Transientprotection80Vforupto120ms
- 70Vfor15Vsingleanddualmodels
• Fullyisolated,magneticfeedback
• Fixedfrequencyswitching
• Inhibitfunction
• Shortcircuitprotection
• Undervoltagelockout
• Upto79%efficiency
DesCrIPtION
TheInterpoint™MCHSeries™andMGHSeries™ofdc-dc
convertersdeliver1.5wattsofoutputpowerwhilesaving
significantboardrealestate.Thewideinputvoltagerangeof12
to50VDCacceptsthevaryingvoltagesofmilitary,aerospace,or
spacebuspowerandtightlyregulatesoutputvoltagestoprotect
downstreamcomponents.Transientprotectionof80voltsforup
to120millisecondsexceedstherequirementsofMIL-STD-704A
forthe5and12voltsinglemodelsandthe12voltdualmodel.
The15voltsingleanddualconverterswillwithstandtransientsof
upto70voltsforupto120milliseconds.
Theconvertersareofferedwithstandardscreening,“ES”
screening,orfullycompliantto“883”MIL-PRF-38534ClassH
screening.See“Table11:ElementEvaluation”onpage12and
“Table12:EnvironmentalScreening”onpage13.Standard
microcircuitdrawings(SMD)areavailable.See“Table5:
MCHSMDNumbers”onpage4and“Table6:MGHSMD
Numbers”onpage4.
Converter Design
MCHSeriesandMGHSeriesofdc-dcconvertersincorporatea
continuousflybacktopologywithaconstantswitchingfrequency
ofapproximately370kHz.Current-modepulsewidthmodulation
(PWM)providesoutputvoltageregulation.Outputerrorvoltage
ismagneticallyfedbacktotheinputsideofthePWMtoregulate
outputvoltage.Regulationisalsoaffectedbytheload;refer
totheElectricalCharacteristicsTable9onpage6and
Table10onpage7.
Dualmodelsregulatethenegativeoutputwithmagneticcoupling
tothepositiveoutput.Upto80%ofthetotalloadmaybeon
oneoutputprovidingthattheotheroutputcarriesaminimumof
20%ofthetotalload.Thedualmodelscanbeusedatdouble
theoutputvoltagebyconnectingtheloadbetweenpositiveand
negativeoutputs,leavingthecommonunconnected.
(ex:MCH2805Dcanbeusedasa10VDCoutput.)
inhibit FunCtion
MCHandMGHconvertersprovideaninhibitterminalthatcanbe
usedtodisableinternalswitching,resultinginnooutputvoltage
andaninputcurrentaslowas2.3mA.Theconverterisinhibited
whentheinhibitpinispulledbelow0.8Vandenabledwhenits
inhibitpinisleftfloating.Anexternalinhibitinterfaceshouldbe
capableofpullingtheconverter’sinhibitpinbelow0.8Vwhile
sinkingthemaximuminhibitcurrentandalsoallowingtheinhibit
pintofloathightoenabletheconverter.Avoltageshouldnotbe
appliedtotheinhibitpin.Theopencircuitvoltagepresentonthe
inhibitpinis7to12V.
ProteCtion Features
Undervoltagelockoutpreventstheconvertersfromoperating
belowapproximately8VDCinputvoltagetokeepsystem
currentlevelssmooth,especiallyduringinitializationorre-start
operations.Allmodelsincludeasoft-startfunctiontoprevent
largecurrentdrawandminimizeovershoot.Theconvertersalso
provideshortcircuitprotectionbyrestrictingthecurrent.
MiL-stD-461
UsetheInterpointFMSA-461(down-leaded)orFMGA-461
(surfacemount,side-leaded)EMIfilterstopasstheCE03
requirementsofMIL-STD-461C.
MODels
VDC Output
SINGLE
DUAL
5
±5
12
±12
15
±15
Crane Aerospace & Electronics Power Solutions
MCH/MGH Single and Dual DC-DC Converters
Crane Aerospace & Electronics
Power Solutions – Interpoint Products
10301 Willows Rd. NE, Redmond, WA 98052
+1.425.882.3100 • power@crane-eg.com
www.craneae.com/interpoint
Page1of13
MCH_MGHRevAB-2013.05.31
28 Volt input – 1.5 Watt


Similar Part No. - MCH2805S_13

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MCH2805S/883 INTERPOINT-MCH2805S/883 Datasheet
167Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MCH2805S/883 CRANE-MCH2805S/883 Datasheet
329Kb / 18P
MCH/MGH Single and Dual DC/DC Converters
More results

Similar Description - MCH2805S_13

ManufacturerPart #DatasheetDescription
logo
Interpoint Corporation ...
MGA2805S INTERPOINT-MGA2805S Datasheet
126Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MGH2805S INTERPOINT-MGH2805S Datasheet
116Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
MSA2805S INTERPOINT-MSA2805S Datasheet
123Kb / 8P
DC/DC CONVERTERS 28 VOLT INPUT
SMFL283R3S INTERPOINT-SMFL283R3S Datasheet
206Kb / 10P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Crane Aerospace & Elect...
MGH2805S CRANE-MGH2805S Datasheet
329Kb / 18P
MCH/MGH Single and Dual DC/DC Converters
HR41-2812 CRANE-HR41-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR121-2812 CRANE-HR121-2812 Datasheet
92Kb / 6P
DC/DC CONVERTERS 28 VOLT INPUT
HR301-285 CRANE-HR301-285 Datasheet
803Kb / 7P
DC/DC CONVERTERS 28 VOLT INPUT
MRH2812S CRANE-MRH2812S Datasheet
198Kb / 9P
DC/DC CONVERTERS 28 VOLT INPUT
logo
Interpoint Corporation ...
MFL283R3S INTERPOINT-MFL283R3S_16 Datasheet
311Kb / 14P
MFL Single and Dual DC-DC Converters 28 Volt Input - 65 Watt
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com