Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADT7461 Datasheet(PDF) 3 Page - Analog Devices

Part # ADT7461
Description  짹1째C Temperature Monitor with Series Resistance Cancellation
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADT7461 Datasheet(HTML) 3 Page - Analog Devices

  ADT7461 Datasheet HTML 1Page - Analog Devices ADT7461 Datasheet HTML 2Page - Analog Devices ADT7461 Datasheet HTML 3Page - Analog Devices ADT7461 Datasheet HTML 4Page - Analog Devices ADT7461 Datasheet HTML 5Page - Analog Devices ADT7461 Datasheet HTML 6Page - Analog Devices ADT7461 Datasheet HTML 7Page - Analog Devices ADT7461 Datasheet HTML 8Page - Analog Devices ADT7461 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
ADT7461
ADT7461–SPECIFICATIONS
Table 1. ADT7461 Specifications at TA = −40°C to +120°C , VDD = 3 V to 5.5 V, unless otherwise noted.
Parameter
Min
Typ
Max
Unit
Test Conditions
POWER SUPPLY
Supply Voltage, VDD
3.0
3.30
5.5
V
Average Operating Supply Current, IDD
170
215
µA
0.0625 Conversions/Sec Rate1
5.5
10
µA
Standby Mode , –40°C ≤ TA ≤ +85°C
5.5
20
µA
Standby Mode, +85°C ≤ TA ≤ +120°C
Undervoltage Lockout Threshold
2.2
2.55
2.8
V
VDD Input, Disables ADC, Rising Edge
Power-On-Reset Threshold
1
2.5
V
TEMPERATURE-TO-DIGITAL CONVERTER
Local Sensor Accuracy
±1
±3
°C
−40°C ≤ TA ≤ +100°C, 3 V ≤ VDD ≤ 3.6 V
Resolution
1
°C
Remote Diode Sensor Accuracy
±1
°C
+60°C ≤ TA ≤ +100°C, −55°C ≤ TD 2 ≤ +150°C, 3 V ≤ VDD ≤ 3.6 V
±3
°C
−40°C ≤ TA ≤ +120°C, −55°C ≤ TD 2 ≤ +150°C, 3 V ≤ VDD ≤ 5.5 V
Resolution
0.25
°C
Remote Sensor Source Current
96
µA
High Level3
36
µA
Middle Level3
6
µA
Low Level3
Conversion Time
32.13
114.6
ms
From Stop Bit to Conversion Complete (Both Channels) One-
Shot Mode with Averaging Switched On
3.2
12.56
ms
One-Shot Mode with Averaging Off (i.e., Conversion Rate = 16,
32, or 64 Conversions per Second)
Maximum Series Resistance Cancelled
3
kΩ
Resistance Split Evenly on Both the D+ and D– Inputs
OPEN-DRAIN DIGITAL OUTPUTS
(THERM, ALERT/THERM2)
Output Low Voltage, VOL
0.4
V
IOUT = −6.0 mA3
High Level Output Leakage Current, IOH
0.1
1
µA
VOUT = VDD 3
ALERT Output Low Sink Current
1
mA
ALERT forced to 0.4 V
SMBus INTERFACE3, 4
Logic Input High Voltage, VIH
2.1
V
3 V ≤ VDD ≤ 3.6 V
SCLK, SDATA
Logic Input Low Voltage, VIL
0.8
V
3 V ≤ VDD ≤ 3.6 V
SCLK, SDATA
Hysteresis
500
mV
SMBus Output Low Sink Current
6
mA
SDATA Forced to 0.6 V
Logic Input Current, IIH, IIL
−1
+1
µA
SMBus Input Capacitance, SCLK, SDATA
5
pF
SMBus Clock Frequency
400
kHz
SMBus Timeout5
25
64
ms
User Programmable.
SCLK Falling Edge to SDATA Valid Time
1
µs
Master Clocking in Data
1 See Table 8 for information on other conversion rates.
2 Guaranteed by characterization but not production tested.
3 Guaranteed by design but not production tested.
4 See SMBus Timing Specifications section for more information.
5 Disabled by default. Details on how to enable it are in the SMBus section of this data sheet.
Rev. 0 | Page 3 of 24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com