Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MWR283 Datasheet(PDF) 16 Page - Interpoint Corporation Company

Part # MWR283
Description  MWR Triple DC-DC Converters
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

MWR283 Datasheet(HTML) 16 Page - Interpoint Corporation Company

Back Button MWR283 Datasheet HTML 8Page - Interpoint Corporation Company MWR283 Datasheet HTML 9Page - Interpoint Corporation Company MWR283 Datasheet HTML 10Page - Interpoint Corporation Company MWR283 Datasheet HTML 11Page - Interpoint Corporation Company MWR283 Datasheet HTML 12Page - Interpoint Corporation Company MWR283 Datasheet HTML 13Page - Interpoint Corporation Company MWR283 Datasheet HTML 14Page - Interpoint Corporation Company MWR283 Datasheet HTML 15Page - Interpoint Corporation Company MWR283 Datasheet HTML 16Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
Table is for reference only. See individual Series' datasheets for specific screening.
tAbLe 9: environMentAL sCreening HigH reLiAbiLity DC-DC Converters AnD eMi FiLters stAnDArD, /es AnD /883 (CLAss H)
enVironMental Screening high reliability
Standard, /eS and /883 (claSS h)
non
-QMl 1
QMl 2
teSt PerforMed
Standard
/eS
claSS h
/883
pre-capInspection,Method2017,2032
n
n
n
TemperatureCycle(10times)
Method 1010, Cond. C, -65°C to +150°C, ambient
n
Method 1010, Cond. B, -55°C to +125°C, ambient
n
Constantacceleration
Method 2001, 3000 g
n
Method 2001, 500 g
n
pInD,TestMethod2020,Cond.a
n 3
burn-inMethod1015,+125°Ccase,typical4
96 hours
n
160 hours
n
FinalelectricalTest,MIl-pRF-38534,groupa,
Subgroups 1 through 6, -55°C, +25°C, +125°C case
n
Subgroups 1 and 4, +25°C case
n
n
HermeticityTest
Gross Leak, Cond. C1, fluorocarbon
n
n
Fine Leak, Cond. A2, helium
n
n
Gross Leak, Dip
n
Finalvisualinspection,Method2009
n
n
n
Test methods are referenced to MIL-STD-883 as determined by MIL-pRF-38534.
Notes
1. Standard and ES are non-QML products and may not meet all of the requirements of MIL-pRF-38534.
2. All processes are QML qualified and performed by certified operators.
3. Not required by DLA but performed to assure product quality.
4. Burn-in temperature designed to bring the case temperature to +125°C minimum.
Burn-in is a powered test.
tAbLe 11: environMentAL sCreening
Crane Aerospace & Electronics Power Solutions
MWRTripleDC-DCConverters
MWR Triple, MWR Rev AD - 2016.05.20. This revision supersedes all previous releases. All technical information is believed to be accurate, but no
responsibility is assumed for errors or omissions. Crane Electronics, Inc reserves the right to make changes in products or specifications without
notice. Interpoint is a registered trademark of Crane Co. MWR Series is a trademark of Crane Electronics, Inc. Copyright © 1999 - 2016 Crane
Electronics, Inc. All rights reserved. www.craneae.com/interpoint
14TO50VOlTInpUT-35WaTT
page 16 of 16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com