Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

STF28-461 Datasheet(PDF) 10 Page - Interpoint Corporation Company

Part # STF28-461
Description  STF28-461 EMI Input Filters
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERPOINT [Interpoint Corporation Company]
Direct Link  http://www.interpoint.com
Logo INTERPOINT - Interpoint Corporation Company

STF28-461 Datasheet(HTML) 10 Page - Interpoint Corporation Company

Back Button STF28-461_07 Datasheet HTML 2Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 3Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 4Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 5Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 6Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 7Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 8Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 9Page - Interpoint Corporation Company STF28-461_07 Datasheet HTML 10Page - Interpoint Corporation Company  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
Class H and K, MIl-PRF-38534 RadIatIon assuRanCE
RadIatIon HaRdnEss
assuRanCE lEvEls
EnvIRonMEntal sCREEnIng lEvEls
sPaCE
PRototYPE (o)
non
-QMl3
Class H
QMl
Class K
QMl
O2: Standard, no radiation guarantee
OO
HO
N/A
p5: Radiation tolerant–Tested lots up to 30 K
Rads (Si) total dose
SEU guarantee up to 40 MeV
N/A
HP4
KP4
r5: Radiation tolerant–Tested lots up to 100 K
Rads (Si) total dose
SEU guarantee up to 40 MeV
N/A
HR4
KR4
f5: [smrt only] Radiation tolerant–Tested lots
up to 300 K Rads (Si) total dose SEU guar-
antee up to 60 MeV
N/A
N/A
KF4
h1,5: Radiation tolerant–Tested lots up to 1,000
K Rads (Si) total dose
N/A
HH4
KH4
Notes:
1. Our EMI filters are designed exclusively with passive components providing maximum tolerance for space environment requirements.
2. Interpoint model numbers use an “O” in the RHA designator position to indicate the “-” (dash) Radiation Hardness Assurance level of
MIL-PRF-38534, which is defined as “no RHA”.
3. Space Prototype (O), non-QML, products do not meet all of the requirements of MIL-PRF-38534.
4. Redmond site, Interpoint, has a Radiation Hardness assurance plan on file with DSCC. Our SMD products with RHA “P”, “R," "F" and "H"
code meet DSCC requirements.
5. Space converters are available with Radiation Hardness Assurance (RHA) levels of “O” and “R” with the following exceptions:
SMRT28xxx is only available with Radiation Hardness Assurance (RHA) levels of “O” “P”, “R” and “F”.
SMHP120xxx is only available with Radiation Hardness Assurance (RHA) level of “O”.
Space filters are only available with Radiation Hardness Assurance (RHA) levels of “O” and “H”.
Crane Aerospace & Electronics Power Solutions
STFEMIInputFilters,RevA-20070509.Thisrevisionsupercedesallpreviousreleases.Alltechnicalinformationisbelievedtobeaccurate,but
no responsibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice.
STFSeriesisatrademarkofInterpoint.Copyright©1999-2007InterpointCorporation.Allrightsreserved.www.craneae.com
Page 10 of 10
STF28-461 EMI Input Filters
28 VOlT INPuT – 0.8 aMP



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com