Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7301A Datasheet(PDF) 13 Page - Analog Devices

Part # ADV7301A
Description  Multiformat SD, Progressive Scan/HDTV Video Encoder with Six NSV??12-Bit DACs
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7301A Datasheet(HTML) 13 Page - Analog Devices

Back Button ADV7301A Datasheet HTML 9Page - Analog Devices ADV7301A Datasheet HTML 10Page - Analog Devices ADV7301A Datasheet HTML 11Page - Analog Devices ADV7301A Datasheet HTML 12Page - Analog Devices ADV7301A Datasheet HTML 13Page - Analog Devices ADV7301A Datasheet HTML 14Page - Analog Devices ADV7301A Datasheet HTML 15Page - Analog Devices ADV7301A Datasheet HTML 16Page - Analog Devices ADV7301A Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 68 page
background image
REV. A
ADV7300A/ADV7301A
–13–
Pin No.
Mnemonic
Input/Output
Function
14–18, 26–30
C0–C9
I
10-Bit Progressive Scan/HDTV Input Port for CrCb color data in 4:2:2 Input
Mode. In 4:4:4 Input Mode, this input port is used for the Cb (Blue/U) data.
The LSBs are set up on Pins C0 and C1. In Default Mode, the input on this
port is output on DAC E.
19
I
2CI
This input pin must be tied high (VDD_IO) for the ADV7300A/ADV7301A to
interface over the I
2C port.
20
ALSB
I/O
TTL Address Input. This signal sets up the LSB of the MPU address. When
this pin is tied low, the I
2C filter is activated, which reduces noise on the I2C interface.
21
SDA
I/O
MPU Port Serial Data Input/Output
22
SCLK
I
MPU Port Serial Interface Clock Input
23
P_HSYNC
IVideo Horizontal Sync Control Signal for HD Sync in Simultaneous SD/HD
Mode and HD Only Mode
24
P_VSYNC
IVideo Vertical Sync Control Signal for HD Sync in Simultaneous SD/HD
Mode and HD Only Mode
25
P_BLANK
I
Video Blanking Control Signal for HD Sync in Simultaneous SD/HD Mode
and HD Only Mode
31
RTC_SCR_TR
I
Multifunctional Input: Realtime Control (RTC) Input, Timing Reset Input,
and Subcarrier Reset Input
32
CLKIN_A
I
Pixel Clock Input for HD Only or SD Only Modes
33
RESET
IThis input resets the on-chip timing generator and sets the ADV7300A/
ADV7301A into default register setting. Reset is an active low signal.
34
EXT_LF
I
External Loop Filter for the internal PLL
35, 47
RSET2, 1
IA 760
Ω resistor must be connected from this pin to AGND and is used to
control the amplitudes of the DAC outputs.
36, 45
COMP2, 1
O
Compensation Pin for DACs. Connect 0.1
µF capacitor from COMP pin to V
AA.
37
DAC F
O
In SD Only Mode: Chroma/Red/V Analog Output, in HD Only Mode and
Simultaneous HD/SD: Pb/Blue (HD) Analog Output
38
DAC E
O
In SD Only Mode: Luma/Blue/U Analog Output, in HD Only Mode and
Simultaneous HD/SD: Pr/Red (HD) Analog Output
39
DAC D
O
In SD Only Mode: CVBS/Green/Y Analog Output, in HD Only Mode and
Simultaneous HD/SD: Y/Green (HD) Analog Output
40
AGND
G
Analog Ground
41
VAA
PAnalog Power Supply
42
DAC C
O
Chroma/Red/V SD Analog Output
43
DAC B
O
Luma/Blue/U SD Analog Output
44
DAC A
O
CVBS/Green/Y SD Analog Output
46
VREF
I/O
Optional External Voltage Reference Input for DACs or Voltage Reference
Output (1.235 V)
48
S_BLANK
I/O
Video Blanking Control Signal for SD
49
S_VSYNC
I/O
Video Vertical Control Signal for SD. Option to output SD VSYNC or SD
HSYNC in SD Slave Mode 0 and/or any HD Mode.
50
S_HSYNC
I/O
Video Horizontal Control Signal for SD. Option to output SD HSYNC or
HD HSYNC in SD Slave Mode 0 and/or any HD Mode.
51–55, 58–62
S0–S9
I
10-Bit Standard Definition Input Port or Progressive Scan/HDTV Input Port
for Cr (Red/V) color data in 4:4:4 Input Mode. The LSBs are set up on Pins
S0 and S1. In Default Mode, the input on this port is output on DAC F.
63
CLKIN_B
I
Pixel Clock Input. Requires a 27 MHz reference clock for Progressive Scan
Mode or a 74.25 MHz (74.1758 MHz) reference clock in HDTV Mode. This
clock input pin is only used in Simultaneous SD/HD Mode.
64
GND_IO
Digital Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com