Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADXL311 Datasheet(PDF) 1 Page - Analog Devices

Part # ADXL311
Description  Low Cost, Ultracompact 짹2 g Dual-Axis Accelerometer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADXL311 Datasheet(HTML) 1 Page - Analog Devices

  ADXL311 Datasheet HTML 1Page - Analog Devices ADXL311 Datasheet HTML 2Page - Analog Devices ADXL311 Datasheet HTML 3Page - Analog Devices ADXL311 Datasheet HTML 4Page - Analog Devices ADXL311 Datasheet HTML 5Page - Analog Devices ADXL311 Datasheet HTML 6Page - Analog Devices ADXL311 Datasheet HTML 7Page - Analog Devices ADXL311 Datasheet HTML 8Page - Analog Devices ADXL311 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Low Cost, Ultracompact
±2
g Dual-Axis Accelerometer
ADXL311
FEATURES
Low cost
High resolution
Dual-axis accelerometer on a single IC chip
5 mm × 5 mm × 2 mm CLCC package
Low power < 400
µA (typ)
X-axis and Y-axis aligned to within 0.1° (typ)
BW adjustment with a single capacitor
Single-supply operation
High shock survival
APPLICATIONS
Tilt and motion sensing in cost-sensitive applications
Smart handheld devices
Computer security
Input devices
Pedometers and activity monitors
Game controllers
Toys and entertainment products
GENERAL DESCRIPTION
The ADXL311 is a low cost, low power, complete dual-axis
accelerometer with signal conditioned voltage outputs, all on a
single monolithic IC. The ADXL311 is built using the same
proven iMEMS® process used in over 100 million Analog
Devices accelerometers shipped to date, with demonstrated
1 FIT reliability (1 failure per 1 billion device operating hours).
The ADXL311 will measure acceleration with a full-scale
range of ±2
g. The ADXL311 can measure both dynamic
acceleration (e.g., vibration) and static acceleration (e.g.,
gravity). The outputs are analog voltages proportional to
acceleration.
The typical noise floor is 300 µ
g/√Hz allowing signals below
2 m
g (0.1° of inclination) to be resolved in tilt sensing appli-
cations using narrow bandwidths (10 Hz).
The user selects the bandwidth of the accelerometer using
capacitors CX and CY at the XFILT and YFILT pins. Bandwidths
of 1 Hz to 2 kHz may be selected to suit the application.
The ADXL311 is available in a 5 mm × 5 mm × 2 mm
8-terminal hermetic CLCC package
COM
YOUT
XOUT
VDD
CX
ADXL311JE
Y SENSOR
3.0V
SELF TEST
X SENSOR
RFILT
32k
Ω
RFILT
32k
Ω
200k
Ω
CY
CDC
OSCILLATOR
DEMOD
DEMOD
BIAS
Figure 1. Functional Block Diagram
Rev. A
Information furnished by Analog Devices is believed to be accurate and reliable.
However, no responsibility is assumed by Analog Devices for its use, nor for any
infringements of patents or other rights of third parties that may result from its use.
Specifications subject to change without notice. No license is granted by implication
or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective companies.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.326.8703
© 2003 Analog Devices, Inc. All rights reserved.


Similar Part No. - ADXL311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
Ultracompact 2g Dual-Axis Accelerometer
REV. B
More results

Similar Description - ADXL311

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADXL213 AD-ADXL213 Datasheet
359Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
logo
List of Unclassifed Man...
MXR7311GL ETC1-MXR7311GL Datasheet
404Kb / 7P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXR7202G ETC1-MXR7202G Datasheet
220Kb / 8P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Ratiometric Analog Outputs
MXD7202GL ETC1-MXD7202GL Datasheet
549Kb / 10P
Low Cost, Low Noise 짹2 g Dual Axis Accelerometer with Digital Outputs
logo
Analog Devices
ADXL327 AD-ADXL327 Datasheet
330Kb / 16P
Small, Low Power, 3-Axis 짹2 g Accelerometer
REV. 0
ADXL212 AD-ADXL212 Datasheet
262Kb / 12P
Precision 짹2 g Dual Axis, PWM Output Accelerometer
REV. 0
logo
STMicroelectronics
LIS332AX STMICROELECTRONICS-LIS332AX Datasheet
219Kb / 14P
MEMS inertial sensor: 3-axis ±2 g absolute analog-output ultracompact accelerometer
02-Feb-2010
LIS332AR STMICROELECTRONICS-LIS332AR Datasheet
216Kb / 14P
MEMS motion sensor: 3-axis 짹2 g analog-output ultracompact accelerometer
02-Feb-2010
logo
Analog Devices
ADXL311 AD-ADXL311_15 Datasheet
662Kb / 12P
Ultracompact 2g Dual-Axis Accelerometer
REV. B
ADXL213 AD-ADXL213_15 Datasheet
196Kb / 12P
Low Cost 1.2 g Dual Axis Accelerometer
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com