Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DP83924BVCE Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83924BVCE
Description  Quad 10 Mb/s Ethernet Physical Layer - 4TPHY?
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83924BVCE Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83924BVCE Datasheet HTML 8Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 9Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 10Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 11Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 12Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 13Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 14Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 15Page - National Semiconductor (TI) DP83924BVCE Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 42 page
background image
2.0 Interface Descriptions (Continued)
12
www.national.com
Figure 4. Normal LED Mode Timing Diagram
Figure 5. Enhanced Mode LED Timing Diagram
Figure 6. Twisted Pair Interface Schematic Diagram
LED_CLK
act.1
act.2
act.3
act.4
LED_DATA
stat.1
stat.2
stat.3 stat.4
act.n - Transmit or Receive activity for port n
stat.n - Port n status
Note;
50 ms
LED_CLK
FDX
Link
coded
FDX
Link
coded
FDX
Link
coded
FDX
Link
coded
Por t.1
Port.2
Port.3
Por t.4
LED_DATA
TX.1
TX.2
TX.3 TX.4
RX.1 RX2
RX.3 RX.4
RJ45
TXU+
TXU-
RXI+
RXI-
ROC
TD+
TD-
RD+
RD-
1:1
10.5
Ω
10.5
Ω
49.9
Ω 49.9Ω
0.01
µF
T1
1:2
Common Mode
Chokes may be
required.
1000pF
1000pF
All values are typical and
are +/- 1%
200pF
~ 1 KOhm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com