Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM346 Datasheet(PDF) 2 Page - Texas Instruments

Part # LM346
Description  Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM346 Datasheet(HTML) 2 Page - Texas Instruments

  LM346 Datasheet HTML 1Page - Texas Instruments LM346 Datasheet HTML 2Page - Texas Instruments LM346 Datasheet HTML 3Page - Texas Instruments LM346 Datasheet HTML 4Page - Texas Instruments LM346 Datasheet HTML 5Page - Texas Instruments LM346 Datasheet HTML 6Page - Texas Instruments LM346 Datasheet HTML 7Page - Texas Instruments LM346 Datasheet HTML 8Page - Texas Instruments LM346 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LM146, LM346
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
www.ti.com
Capacitorless Active Filters (Basic Circuit)
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
ABSOLUTE MAXIMUM RATINGS
(1) (2) (3)
LM146
LM346
Supply Voltage
±22V
±18V
Differential Input Voltage(2)
±30V
±30V
CM Input Voltage(2)
±15V
±15V
Power Dissipation(4)
900 mW
500 mW
Output Short-Circuit Duration(5)
Continuous
Continuous
Operating Temperature Range
−55°C to +125°C
0°C to +70°C
Maximum Junction Temperature
150°C
100°C
Storage Temperature Range
−65°C to +150°C
−65°C to +150°C
Lead Temperature (Soldering, 10 seconds)
260°C
260°C
Thermal Resistance (
θjA)
(4)
CDIP (NFE)
Pd
900 mW
900 mW
θjA
100°C/W
100°C/W
SOIC (D)
θjA
115°C/W
PDIP (N)
Pd
500 mW
θjA
90°C/W
Soldering Information
Dual-In-Line Package
Soldering (10 seconds)
+260°C
+260°C
Small Outline Package
Vapor Phase (60 seconds)
+215°C
+215°C
Infrared (15 seconds)
+220°C
+220°C
ESD rating is to be determined.
(1)
Refer to RETS146X for LM146J military specifications.
(2)
For supply voltages less than ±15V, the absolute maximum input voltage is equal to the supply voltage.
(3)
If Military/Aerospace specified devices are required, please contact the Texas Instruments Sales Office/ Distributors for availability and
specifications.
(4)
The maximum power dissipation for these devices must be derated at elevated temperatures and is dictated by TjMAX, θjA, and the
ambient temperature, TA. The maximum available power dissipation at any temperature is Pd=(TjMAX - TA)/θjA or the 25°C PdMAX,
whichever is less.
(5)
Any of the amplifier outputs can be shorted to ground indefinitely; however, more than one should not be simultaneously shorted as the
maximum junction temperature will be exceeded.
2
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM146 LM346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com