Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM346MX/NOPB Datasheet(PDF) 4 Page - Texas Instruments

Part # LM346MX/NOPB
Description  Programmable Quad Operational Amplifiers
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM346MX/NOPB Datasheet(HTML) 4 Page - Texas Instruments

  LM346MX/NOPB Datasheet HTML 1Page - Texas Instruments LM346MX/NOPB Datasheet HTML 2Page - Texas Instruments LM346MX/NOPB Datasheet HTML 3Page - Texas Instruments LM346MX/NOPB Datasheet HTML 4Page - Texas Instruments LM346MX/NOPB Datasheet HTML 5Page - Texas Instruments LM346MX/NOPB Datasheet HTML 6Page - Texas Instruments LM346MX/NOPB Datasheet HTML 7Page - Texas Instruments LM346MX/NOPB Datasheet HTML 8Page - Texas Instruments LM346MX/NOPB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LM146, LM346
SNOSBH5B – MAY 2004 – REVISED SEPTEMBER 2004
www.ti.com
DC ELECTRICAL CHARACTERISTICS
(VS=±1.5V, ISET=10 μA)
Parameter
Conditions
LM146
LM346
Units
Min
Typ
Max
Min
Typ
Max
Input Offset Voltage
VCM=0V, RS≤50Ω,
0.5
5
0.5
7
mV
TA=25°C
Input CM Range
TA=25°C
±0.7
±0.7
V
CM Rejection Ratio
RS≤50Ω, TA=25°C
80
80
dB
Output Voltage Swing
RL≥10 kΩ, TA=25°C
±0.6
±0.6
V
4
Submit Documentation Feedback
Copyright © 2004, Texas Instruments Incorporated
Product Folder Links: LM146 LM346



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com