Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN983 Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # AN983
Description  PCI/miniPCI-to-Ethernet LAN Controller
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

AN983 Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button AN983 Datasheet HTML 53Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 54Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 55Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 56Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 57Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 58Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 59Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 60Page - List of Unclassifed Manufacturers AN983 Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 91 page
background image
AN983B
PCI/miPCI Fast Ethernet Controller with integrated PHY
8.2 NETWORK PACKET BUFFER MANAGEMENT
8.2.1 DESCRIPTOR STRUCTURE TYPES
For networking operation, the AN983B transmits the data packet from transmit buffers in host
memory to AN983B’s transmit FIFO and receives the data packet from AN983B’s receive FIFO to
receive buffers in host memory. The descriptors that the AN983B supports to build in host memory
are used as the pointers of these transmit and receive buffers.
There are two structure types for the descriptor, Ring and Chain, supported by the AN983B and are
shown as below. The type selection is controlled by the bit24 of RDES1 and the bit24 of TDES1.
The transmit and receive buffers are physically built in host memory. Any buffer can contain either a
whole packet or just part of a packet. But it can’t contain more than one packet.
Ring structure
There are two buffers per descriptor in the ring structure. Support receives early interrupt.
.
.
.
.
.
.
Buffer2 pointer
Buffer1 pointer
Length 1
Length 2
End of Ring
own
CSR3 or CSR4
Data
Data
Descriptor Pointer
Data Buffer
Length 1
Length 2
Descriptor
Fig -
5
Ring structure of frame buffer
ADMtek Inc.
www.admtek.com.tw
Rev. 1.8
57



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com