Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AS2522BQ Datasheet(PDF) 9 Page - ams AG

Part # AS2522BQ
Description  Telephone Line Interface and Speakerphone Circuit
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2522BQ Datasheet(HTML) 9 Page - ams AG

Back Button AS2522BQ Datasheet HTML 5Page - ams AG AS2522BQ Datasheet HTML 6Page - ams AG AS2522BQ Datasheet HTML 7Page - ams AG AS2522BQ Datasheet HTML 8Page - ams AG AS2522BQ Datasheet HTML 9Page - ams AG AS2522BQ Datasheet HTML 10Page - ams AG AS2522BQ Datasheet HTML 11Page - ams AG AS2522BQ Datasheet HTML 12Page - ams AG AS2522BQ Datasheet HTML 13Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 19 page
background image
Data Sheet AS2522B
austriamicrosystems
Revision 3.4
Page 9 of 19
Serial interface Registers
The following table shows the content of the 16 control registers.
For a detailed description of the commands see Application note AN522.
Control registers AS2522A, AS2522B
Default value
after reset
AAAA DDDD
32103210
0000 Nop
No operation. W rite to this location to get AS2522-Satus
inform ation without altering any other setting.
na
0001 DTMFpair
Frequency select depending on Tone Generator m ode
0000
DTMF-Generator mode:
Single tone mode AS2522B ONLY
AND FSK=1 (Addr 12):
HIGH Group
LOW-Group
Data
c1 c0
fHigh
r1 r0
fLow
f[3:0] Frequency
0
0
1209Hz
0
0
697Hz
0000
0Hz
0
1
1336Hz
0
1
770Hz
0001
800Hz
(ring)
1
0
1477Hz
1
0
852Hz
0010
1067Hz
(ring)
1
1
1633Hz
1
1
941Hz
0011
1333Hz
(ring)
0100
1300Hz
(V.23)
0101
2100Hz
(V.23)
0110
1200Hz
(Bell 202)
0111
2200Hz
(Bell 202)
1000
980Hz
(V.21)
1001
1180Hz
(V.21)
1010
1070Hz
(Bell 103)
1011
1270Hz
(Bell 103)
1100
1650Hz
(V.21)
1101
1850Hz
(V.21)
1110
2025Hz
(Bell 103)
1111
2225Hz
(Bell 103)
0010 DTMFLevel
DTMF-Level
13 steps, 1dB stepsize
1100
Data
DTMF-level LOW GROUP at pin LS
0x0
-16dBm
::
0xC
-4dBm
0011
xxxx
DTMF-settings
0101
Tone:
DTMF-signal path
0...OFF,
1...ON
preemph: DTMF-preempahsis
0...2.2dB, 1…3.2dB
CT1 CT0: @RO
@LO1/LO2
0
0
-36dB
-15dB
DTMF-confidence level
0
1
-30dB
-9dB
rel. to pin LS
1
0
-24dB
-3dB
1
1
-18dB
+3dB
0100
xxxx
Single T one frequencies if FSK=0 (Addr. 12)
and RING/Beep Volum e [4]
0000
frequ1 frequ0
V1 V0:
RING volume
0
0
800Hz
0
0
-17.5dB
0
1
1067Hz
0
1
-11.5dB
1
0
1333Hz
1
0
-5.5dB
111333Hz
1
1
0dB
0101
xxxx
Tone Generator m ode, single tone path
0000
BURS: Analog tone at RO
0...OFF,
1...ON
BURL: Analog tone at LO1/LO2
0...OFF,
1...ON
M1 M0: Tone generator mode select
0
0
Tone generator OFF
0
1
DTMF generator mode
1
0
Single tone Analog mode
1
1
Single tone Digital mode ( RING )
0110
xxxx
Softclip-settings, Noise m onitoring
0000
RING:
RING-path
0...OFF,
1...ON
BNON:
Noise monitor
0...OFF,
1...ON
SOFTRX: Softclip RX
0...OFF,
1...ON
SOFTTX: Softclip TX
0...OFF,
1...ON
0111
xxxx
DC/DC-Converter ON/OFF,Mask
0000
ldbr: Digital tone at RO
0...OFF,
1...ON
ldbl: Digital tone at LO1/LO2 0...OFF,
1...ON
MASK: Mask function
0...OFF,
1...ON
DC/DC: DC/DC-converter
0...OFF,
1...ON
Address
Data



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com