Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC3701 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC3701
Description  60V, Depletion-Mode, N-Channel
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC3701 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC3701 Datasheet HTML 1Page - IXYS Corporation CPC3701 Datasheet HTML 2Page - IXYS Corporation CPC3701 Datasheet HTML 3Page - IXYS Corporation CPC3701 Datasheet HTML 4Page - IXYS Corporation CPC3701 Datasheet HTML 5Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
INTEGRATED CIRCUITS DIVISION
www.ixysic.com
DS-CPC3701-R06
1
CPC3701
60V, Depletion-Mode, N-Channel
Vertical DMOS FET
V
(BR)DSX /
V
(BR)DGX
R
DS(on)
(max)
I
DSS (min)
Package
60V
1
600mA
SOT-89
Applications
Features
Description
Ordering Information
Circuit Symbol
Ignition Modules
Normally-On Switches
Solid State Relays
Converters
Security
Power Supplies
Depletion Mode Device Offers Low R
DS(on)
at Cold Temperatures
Low On-Resistance: 1
 max. at 25ºC
High Input Impedance
Low V
GS(off) Voltage: -1.4 to -3.1V
Small Package Size SOT-89
The CPC3701 is an N-channel, depletion mode, field
effect transistor (FET) that utilizes IXYS Integrated
Circuits Division’s proprietary third-generation vertical
DMOS process. The third-generation process realizes
world class, high voltage MOSFET performance
in an economical silicon gate process. Our vertical
DMOS process yields a robust device, with high input
impedance, for use in high-power applications. The
CPC3701 is a highly reliable FET device that has
been used extensively in our Solid State Relays for
industrial and security applications.
The CPC3701 has a minimum breakdown voltage of
60V, and is available in the SOT-89 package. As with
all MOS devices, the FET structure prevents thermal
runaway and thermal-induced secondary breakdown.
Package Pinout (SOT-89)
S
G
D
G
D
S
D
Part #
Description
CPC3701CTR
N-Channel Depletion Mode FET, SOT-89 Pkg.
Tape and Reel (1000/Reel)


Similar Part No. - CPC3701

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC3701 CLARE-CPC3701 Datasheet
99Kb / 4P
Vertical DMOS FET
CPC3701C CLARE-CPC3701C Datasheet
99Kb / 4P
Vertical DMOS FET
logo
IXYS Corporation
CPC3701C IXYS-CPC3701C Datasheet
98Kb / 4P
60V, Depletion-Mode, N-Channel Vertical DMOS FET
logo
Clare, Inc.
CPC3701CTR CLARE-CPC3701CTR Datasheet
99Kb / 4P
Vertical DMOS FET
logo
IXYS Corporation
CPC3701CTR IXYS-CPC3701CTR Datasheet
98Kb / 4P
60V, Depletion-Mode, N-Channel Vertical DMOS FET
More results

Similar Description - CPC3701

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
LND150 SUTEX-LND150 Datasheet
88Kb / 4P
N-Channel Depletion-Mode MOSFET
LND250 SUTEX-LND250 Datasheet
69Kb / 2P
N-Channel Depletion-Mode MOSFET
logo
Clare, Inc.
CPC5602C CLARE-CPC5602C Datasheet
76Kb / 4P
N Channel Depletion Mode FET
CPC5603 CLARE-CPC5603 Datasheet
85Kb / 3P
N Channel Depletion Mode FET
CPC5602 CLARE-CPC5602_12 Datasheet
111Kb / 5P
N-Channel Depletion Mode FET
logo
IXYS Corporation
CPC3701 IXYS-CPC3701_12 Datasheet
98Kb / 4P
60V, Depletion-Mode, N-Channel Vertical DMOS FET
IXTH10N100D IXYS-IXTH10N100D Datasheet
129Kb / 5P
N-Channel, Depletion Mode
CPC3980 IXYS-CPC3980 Datasheet
118Kb / 5P
N-Channel Depletion-Mode
CPC3982 IXYS-CPC3982 Datasheet
122Kb / 5P
N-Channel Depletion-Mode
logo
Supertex, Inc
DN3525 SUTEX-DN3525_13 Datasheet
651Kb / 5P
N-Channel Depletion-Mode
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com