Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT49BV320CT Datasheet(PDF) 30 Page - ATMEL Corporation

Part # AT49BV320CT
Description  32-megabit (2M x 16) 3-volt Only Flash Memory
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT49BV320CT Datasheet(HTML) 30 Page - ATMEL Corporation

Back Button AT49BV320CT Datasheet HTML 24Page - ATMEL Corporation AT49BV320CT Datasheet HTML 25Page - ATMEL Corporation AT49BV320CT Datasheet HTML 26Page - ATMEL Corporation AT49BV320CT Datasheet HTML 27Page - ATMEL Corporation AT49BV320CT Datasheet HTML 28Page - ATMEL Corporation AT49BV320CT Datasheet HTML 29Page - ATMEL Corporation AT49BV320CT Datasheet HTML 30Page - ATMEL Corporation AT49BV320CT Datasheet HTML 31Page - ATMEL Corporation AT49BV320CT Datasheet HTML 32Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
30
AT49BV320C(T)
3372D–FLASH–5/04
Packaging Information
47C1 – CBGA
2325 Orchard Parkway
San Jose, CA 95131
TITLE
DRAWING NO.
R
REV.
47C1, 47-ball (8 x 6 Array), 0.75 mm Pitch,
7.0 x 10.0 x 1.0 mm Chip-scale Ball Grid Array Package (CBGA)
A
47C1
7/2/03
TOP VIEW
A1 BALL ID
SIDE VIEW
A
B
C
D
E
F
7
6
5
432
1
D
BOTTOM VIEW
E
E1
e
0.875 REF
A1 BALL CORNER
3.125 REF
D1
b
8
A
A1
COMMON DIMENSIONS
(Unit of Measure = mm)
SYMBOL
MIN
NOM
MAX
NOTE
E
6.90
7.00
7.10
E1
5.25 TYP
D
9.90
10.00
10.10
D1
3.75 TYP
A
–
–
1.00
A1
0.22
–
–
e
0.75 BSC
b
0.35 TYP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com