Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4425 Datasheet(PDF) 10 Page - IXYS Corporation

Part # IX4425
Description  Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4425 Datasheet(HTML) 10 Page - IXYS Corporation

Back Button IX4425 Datasheet HTML 4Page - IXYS Corporation IX4425 Datasheet HTML 5Page - IXYS Corporation IX4425 Datasheet HTML 6Page - IXYS Corporation IX4425 Datasheet HTML 7Page - IXYS Corporation IX4425 Datasheet HTML 8Page - IXYS Corporation IX4425 Datasheet HTML 9Page - IXYS Corporation IX4425 Datasheet HTML 10Page - IXYS Corporation IX4425 Datasheet HTML 11Page - IXYS Corporation IX4425 Datasheet HTML 12Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
IX4423-24-25
10
www.ixysic.com
R01
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
-1.0
-1.5
-2.0
-2.5
-3.0
-3.5
-4.0
-4.5
-5.0
Output Source Current
vs. Temperature
(V
CC=18V, CL=27nF)
Temperature (ºC)
-40
-20
0
20
40
60
80
100 120 140
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
Output Sink Current vs. Temperature
(V
CC=18V, CL=27nF)
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
High-State Output Resistance
vs. Supply Voltage
(I
OUT= -10mA)
Supply Voltage (V)
0
5
10
15
20
25
30
35
40
0
2
4
6
8
10
Low State Output Resistance
vs. Supply Voltage
(I
OUT= +10mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com