Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4425N Datasheet(PDF) 1 Page - IXYS Corporation

Part # IX4425N
Description  Ultrafast MOSFET Drivers
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4425N Datasheet(HTML) 1 Page - IXYS Corporation

  IX4425N Datasheet HTML 1Page - IXYS Corporation IX4425N Datasheet HTML 2Page - IXYS Corporation IX4425N Datasheet HTML 3Page - IXYS Corporation IX4425N Datasheet HTML 4Page - IXYS Corporation IX4425N Datasheet HTML 5Page - IXYS Corporation IX4425N Datasheet HTML 6Page - IXYS Corporation IX4425N Datasheet HTML 7Page - IXYS Corporation IX4425N Datasheet HTML 8Page - IXYS Corporation IX4425N Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
INTEGRATED CIRCUITS DIVISION
DS-IX4423-24-25_R01
www.ixysic.com
1
e3
Pb
Features
• 3A Peak Output Current
• Wide Operating Voltage Range: 4.5V to 35V
• -40°C to +125°C Operating Temperature Range
• Latch-up Protected to 3A
• Fast Rise and Fall Times
• Low Power Consumption
Applications
• MOSFET Driver
• Switching Power Supplies
• Motor Controls
• DC to DC Converters
• Pulse Transformer Driver
Description
The IX4423, IX4424, and IX4425 are dual high-speed,
low-side gate drivers. Each of the two outputs can
source and sink 3A of peak current with rise and fall
times of less than 10ns. The inputs of each driver are
TTL and CMOS compatible, and are virtually immune
to latch-up. Low propagation delay times and fast,
matched rise and fall times make the IX4423, IX4424,
and IX4425 ideal for high-frequency and high-power
applications.
The IX4423 is configured as a dual inverting driver;
the IX4424 is configured as a dual non-inverting
driver; and the IX4425 is configured with one inverting
driver and one non-inverting driver. All three devices
are available in a standard 8-pin SOIC package.
Ordering Information
Logic Configuration
Part Number
Package Type
Packing Method
Quantity
IX4423N
8-Pin SOIC
Tube
100
IX4423NTR
8-Pin SOIC
Tape & Reel
2000
IX4424N
8-Pin SOIC
Tube
100
IX4424NTR
8-Pin SOIC
Tape & Reel
2000
IX4425N
8-Pin SOIC
Tube
100
IX4425NTR
8-Pin SOIC
Tape & Reel
2000
OUTA
OUTB
INA
INB
A
B
OUTA
OUTB
INA
INB
A
B
INA
INB
A
B
OUTA
OUTB
IX4423-IX4424-IX4425
3-Ampere Dual Low-Side
Ultrafast MOSFET Drivers


Similar Part No. - IX4425N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IX4424G IXYS-IX4424G Datasheet
242Kb / 10P
Ultrafast MOSFET Driver
IX4426 IXYS-IX4426 Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426MTR IXYS-IX4426MTR Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426N IXYS-IX4426N Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IX4426NTR IXYS-IX4426NTR Datasheet
245Kb / 13P
1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
More results

Similar Description - IX4425N

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXDI414 IXYS-IXDI414 Datasheet
241Kb / 10P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDN402 IXYS-IXDN402 Datasheet
308Kb / 10P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
logo
Clare, Inc.
IXD_602 CLARE-IXD_602 Datasheet
1Mb / 13P
2-Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXD_609 CLARE-IXD_609 Datasheet
1Mb / 14P
9-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_614 CLARE-IXD_614 Datasheet
1Mb / 14P
14-Ampere Low-Side Ultrafast MOSFET Drivers
IXD_630 CLARE-IXD_630 Datasheet
1Mb / 12P
30-Ampere Low-Side Ultrafast MOSFET Drivers
logo
IXYS Corporation
IXDN514SIA IXYS-IXDN514SIA Datasheet
385Kb / 12P
14 Ampere Low-Side Ultrafast MOSFET Drivers
IXDF502 IXYS-IXDF502 Datasheet
409Kb / 12P
2 Ampere Dual Low-Side Ultrafast MOSFET Drivers
IXDI509 IXYS-IXDI509 Datasheet
354Kb / 12P
9 Ampere Low-Side Ultrafast MOSFET Drivers
IXDR502 IXYS-IXDR502 Datasheet
216Kb / 11P
2 Ampere Single Low-Side Ultrafast MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com