Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IX4428N Datasheet(PDF) 9 Page - IXYS Corporation

Part # IX4428N
Description  1.5-Ampere Dual Low-Side Ultrafast MOSFET Drivers
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IX4428N Datasheet(HTML) 9 Page - IXYS Corporation

Back Button IX4428N Datasheet HTML 5Page - IXYS Corporation IX4428N Datasheet HTML 6Page - IXYS Corporation IX4428N Datasheet HTML 7Page - IXYS Corporation IX4428N Datasheet HTML 8Page - IXYS Corporation IX4428N Datasheet HTML 9Page - IXYS Corporation IX4428N Datasheet HTML 10Page - IXYS Corporation IX4428N Datasheet HTML 11Page - IXYS Corporation IX4428N Datasheet HTML 12Page - IXYS Corporation IX4428N Datasheet HTML 13Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
INTEGRATED CIRCUITS DIVISION
IX4426-27-28
R05
www.ixysic.com
9
Load Capacitance (pF)
100
1000
10000
0
10
20
30
40
50
60
70
80
90
100
Supply Current vs. Load Capacitance
A&B Outputs Active
(V
CC=8V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Load Capacitance (pF)
100
1000
10000
0
20
40
60
80
100
120
140
Supply Current vs. Load Capacitance
A&B Outputs Active
(V
CC=12V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
Load Capacitance (pF)
100
1000
10000
0
50
100
150
200
Supply Current vs. Load Capacitance
A&B Outputs Active
(V
CC=18V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
Load Capacitance (pF)
100
1000
10000
0
50
100
150
200
250
300
350
Supply Current vs. Load Capacitance
A&B Outputs Active
(V
CC=30V)
f=1MHz
f=500kHz
f=100kHz
f=50kHz
f=10kHz
f=1kHz
Temperature (ºC)
-50
0
50
100
150
1.40
1.45
1.50
1.55
1.60
1.65
Dynamic Supply Current vs. Temperature
Both Outputs Active
(V
CC=18V,VIN=0V-5V, f=1kHz, CL=1nF)
Frequency (kHz)
1
10
100
1000
0
10
20
30
40
50
60
70
80
Supply Current vs. Frequency
A&B Outputs Active
(C
L=1000pF)
V
CC=30V
V
CC=25V
V
CC=18V
V
CC=12V
V
CC=8V
V
CC=4.5V
Temperature (ºC)
-50
0
50
100
150
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Quiescent Supply Current
vs. Temperature
(V
CC=18V)
V
IN=3V to 18V
V
IN=0V
Supply Voltage (V)
0
5
10
15
20
25
30
-6
-5
-4
-3
-2
-1
0
Output Source Current
vs. Supply Voltage
(C
L=47nF)
Supply Voltage (V)
0
5
10
15
20
25
30
0
1
2
3
4
5
6
Output Sink Current
vs. Supply Voltage
(C
L=47nF)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com