Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT76C511 Datasheet(PDF) 2 Page - ATMEL Corporation

Part # AT76C511
Description  Dual Ethernet to IEEE 802.11b WLAN Bridgeon-on-a-Chip(DEW-B)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT76C511 Datasheet(HTML) 2 Page - ATMEL Corporation

  AT76C511 Datasheet HTML 1Page - ATMEL Corporation AT76C511 Datasheet HTML 2Page - ATMEL Corporation AT76C511 Datasheet HTML 3Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
#
Running H/F 1
2383BS–WLAN–01/04
Overview
The AT76C511 Dual Ethernet to Wireless LAN Bridge (DEW-B) is a single-chip solution
for interconnecting a Wireless LAN conforming to IEEE 802.11b standard with other
Wireless LANs (WLANs) and legacy LANs.
A DEW-B-based bridge acts as an Access Point (AP) for the 802.11 WLAN and coordi-
nates the traffic of the packets that are destined outside the WLAN using IP over
Ethernet. In case the WLAN user is mobile, roaming functions are also supported at the
DEW-B bridge. Its Dual Ethernet MAC architecture is useful in applications where bridg-
ing or routing is required between a public network through high speed links like an
XDSL modem and the customer premises network area where both WLAN and Ethernet
connections coexist. Figure 1 shows the topology described above which includes wire-
less and wired stations communicating through an Ethernet backbone and incorporating
the DEW-B, common Ethernet bridges and simple WLAN AP like the VNET-B
(AT76C510). It is also shows how this Customer Premises Network (CPN) can access
the Internet through a modem link (ADSL).
The data transactions over this unified CPN environment are categorized according to
the type of end-to-end devices.
End Stations Transactions
When two end stations communicate (irrespective to the type of network they belong)
the inter-networking between the different networks should be transparent.
Inter-networking Device
Transactions
The DEW-B device implements all necessary communication protocols for supporting
inter-networking functions, implements logical grouping of users independent of their
physical location and provides secure links by implementing encryption algorithms.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com