Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SHC298AM Datasheet(PDF) 2 Page - Texas Instruments

Part # SHC298AM
Description  Monolithic SAMPLE/HOLD AMPLIFIER
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SHC298AM Datasheet(HTML) 2 Page - Texas Instruments

  SHC298AM Datasheet HTML 1Page - Texas Instruments SHC298AM Datasheet HTML 2Page - Texas Instruments SHC298AM Datasheet HTML 3Page - Texas Instruments SHC298AM Datasheet HTML 4Page - Texas Instruments SHC298AM Datasheet HTML 5Page - Texas Instruments SHC298AM Datasheet HTML 6Page - Texas Instruments SHC298AM Datasheet HTML 7Page - Texas Instruments SHC298AM Datasheet HTML 8Page - Texas Instruments SHC298AM Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
®
SHC298/298A
SPECIFICATIONS
ELECTRICAL
At TJ = +25°C, ±15V supplies, 1000pF holding capacitor, –11.5V ≤ VIN ≤ +11.5, RL = 10kΩ, Logic Reference Voltage = 0V, and Logic Voltage = 2.5 V, unless
otherwise noted.
T Same as specifications for SHC298AM, JP, JU.
NOTES: (1) These parameters guaranteed over a supply voltage range of
±5V to = ±18V. (2) Charge offset is sensitive to stray capacitive coupling between input
logic signals and the hold capacitor. 1pF, for instance, will create an additional 0.5mV step with a 5V logic swing and a 0.01
µF hold capacitor. Magnitude of the
charge offset is inversely proportional to hold capacitor value.
SHC298AM, JP, JU
SHC298AJP
PARAMETER
MIN
TYP
MAX
MIN
TYP
MAX
UNITS
ANALOG INPUT
Resistance
1010
T
Ω
Bias Current(1)
10
50
T
25
nA
DIGITAL INPUT
Pin 7
Pin 8
Circuit State
Mode Control Truth Table
0V
+2.4V
Sample (Track)
0V
+0.8V
Hold
+2.4V
+2.8V
Hold
+0.8V
+2.8V
Sample (Track)
Mode Control and Mode Control Reference Input Current
10
µA
Differential Logic Threshold
0.8
1.4
2.4
V
TRANSFER CHARACTERISTICS
ACCURACY (+25
°C)
Gain
+1
T
V/V
Gain Error
±0.004
±0.010
±0.001
±0.005
%
Input Voltage Offset (adjust to zero)(1)
±2
±7
±1
±2mV
Droop Rate(1)
±30
T
µV/ms
Power Supply Rejection
±25
±100
TT
µV/V
ACCURACY DRIFT
Gain Drift
3
4
1
2
ppm/
°C
Input Offset Drift
15
70
T
25
µV/°C
Droop Rate at TJ = +85°C10
T
mV/ms
DYNAMIC CHARACTERISTICS
Aperture Time : Negative Input Step
200
T
ns
Positive Input Step
150
T
ns
Acquisition Time (C = 1000pF): to
±0.1%, 10V Step
5
4
6
µs
Sample/Hold Transient: Peak Amplitude
160
T
mV
Settling to 1mV
1
T
µs
Feedthrough (Response to 10V Input Step)
±0.007
±0.004
% of 20V
OUTPUT
ANALOG OUTPUT
Voltage Range
±11.5
T
V
Current Range
±2
T
mA
Impedance (in Hold Mode)
0.5
4
TT
Ω
POWER SUPPLY
Rate Voltage
15
T
VDC
Range
±5
±18
TT
VDC
Current(1)
±4.5
±6.5
TT
mA



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com