Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7593 Datasheet(PDF) 1 Page - IXYS Corporation

Part # CPC7593
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7593 Datasheet(HTML) 1 Page - IXYS Corporation

  CPC7593 Datasheet HTML 1Page - IXYS Corporation CPC7593 Datasheet HTML 2Page - IXYS Corporation CPC7593 Datasheet HTML 3Page - IXYS Corporation CPC7593 Datasheet HTML 4Page - IXYS Corporation CPC7593 Datasheet HTML 5Page - IXYS Corporation CPC7593 Datasheet HTML 6Page - IXYS Corporation CPC7593 Datasheet HTML 7Page - IXYS Corporation CPC7593 Datasheet HTML 8Page - IXYS Corporation CPC7593 Datasheet HTML 9Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
INTEGRATED CIRCUITS DIVISION
DS-CPC7593-R05
www.ixysic.com
1
e3
Pb
Features
TTL Logic Level Inputs for 3.3V Logic Interfaces
Smart Logic for Power Up / Hot Plug State Control
Improved Switch dV/dt Immunity of 500 V/
s
Small 20-pin or 28-pin SOIC Packages
Monolithic IC Reliability
Low, Matched, R
ON
Eliminates the Need for Zero-cross Switching
Flexible Switch Timing for Transition from Ringing
Mode to Talk Mode.
Clean, Bounce-Free Switching
SLIC Tertiary Protection Via Integrated Current
Limiting, Voltage Clamping, and Thermal Shutdown
5V Operation with Power Consumption < 10.5 mW
Intelligent Battery Monitor
Logic-Level Inputs, no External Drive Circuitry
Required
Applications
Standard voice linecards
Integrated Voice and Data (IVD) linecards
Central office (CO)
Digital Loop Carrier (DLC)
PBX Systems
Digitally Added Main Line (DAML)
Hybrid Fiber Coax (HFC)
Fiber in the Loop (FITL)
Pair Gain System
Channel Banks
Description
The CPC7593 is a member of IXYS Integrated
Circuits Division’s next generation Line Card Access
Switch (LCAS) family. This monolithic 10-pole line
card access switch is available in 20-pin and 28-pin
SOIC packages. It provides the necessary functions to
replace three 2-Form-C electromechanical relays on
analog line cards or combined voice and data line
cards found in central office, access, and PBX
equipment. The device contains solid state switches
for tip and ring line break, ringing injection, and test
access. The CPC7593 requires only a +5 V supply
and provides stable start up conditioning during
system power up and for hot plug insertion
applications. Once active, the inputs respond to
traditional TTL logic levels enabling the CPC7593 to
be used with 3.3V only logic.
Ordering Information
Figure 1. CPC7593 Block Diagram
CPC7593 x x xx
B - 28-pin SOIC delivered 29/Tube, 1000/Reel
Z - 20-pin SOIC delivered 40/Tube, 1000/Reel
A - With Protection SCR
B - Without Protection SCR
C - With Protection SCR and with Extra Logic State
TR - Add for Tape & Reel Version
CPC7593 part numbers are specified as shown here:
CPC7593
T
LINE
R
LINE
T
BAT
V
DD
R
BAT
D
GND
V
BAT
F
GND
V
REF
IN
TESTin
IN
RINGING
IN
TESTout
T
SD
LATCH
7
10
8
5
22
6
12
13
14
28
1
24
20
19
23
17
16
15
18
L
A
T
C
H
Switch
Control
Logic
SCR
Trip
Circuit
+5 Vdc
SLIC
Secondary
Protection
X
X
X
X
X
X
XX
X SW5
SW7
SW6
SW2
SW4
SW10
SW8
T
TESTin (T
)
CHANTEST
T
TESTout
(T
)
DROPTEST
R
TESTout
(R
)
DROPTEST
R
TESTin (R
)
CHANTEST
T
RINGING
SW3
SW9
SW1
300
(min.)
Ω
RINGING
V
BAT
X
Tip
Ring
NOTE 1: Pin assignments are for the 28 pin package.
NOTE 2: Block diagram shown with the optional protection SCR.
R
RINGING
CPC7593
Line Card Access Switch


Similar Part No. - CPC7593

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7593 CLARE-CPC7593 Datasheet
697Kb / 24P
Line Card Access Switch
CPC7593BATR CLARE-CPC7593BATR Datasheet
697Kb / 24P
Line Card Access Switch
CPC7593BBTR CLARE-CPC7593BBTR Datasheet
697Kb / 24P
Line Card Access Switch
CPC7593BCTR CLARE-CPC7593BCTR Datasheet
697Kb / 24P
Line Card Access Switch
CPC7593BDTR CLARE-CPC7593BDTR Datasheet
697Kb / 24P
Line Card Access Switch
More results

Similar Description - CPC7593

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
CPC7581 CLARE-CPC7581 Datasheet
122Kb / 12P
Line Card Access Switch
CPC7582 CLARE-CPC7582 Datasheet
147Kb / 12P
Line Card Access Switch
CPC7595 CLARE-CPC7595 Datasheet
562Kb / 25P
Line Card Access Switch
CPC7581 CLARE-CPC7581_1 Datasheet
532Kb / 17P
Line Card Access Switch
CPC7582 CLARE-CPC7582_1 Datasheet
572Kb / 19P
Line Card Access Switch
CPC7591 CLARE-CPC7591 Datasheet
556Kb / 19P
Line Card Access Switch
CPC7691 CLARE-CPC7691 Datasheet
481Kb / 17P
Line Card Access Switch
CPC75282 CLARE-CPC75282 Datasheet
672Kb / 19P
Line Card Access Switch
logo
IXYS Corporation
CPC7581 IXYS-CPC7581_12 Datasheet
1,017Kb / 15P
Line Card Access Switch
CPC7592 IXYS-CPC7592_12 Datasheet
1Mb / 19P
Line Card Access Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com