Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CPC7593ZCTR Datasheet(PDF) 10 Page - IXYS Corporation

Part # CPC7593ZCTR
Description  Line Card Access Switch
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

CPC7593ZCTR Datasheet(HTML) 10 Page - IXYS Corporation

Back Button CPC7593ZCTR Datasheet HTML 6Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 7Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 8Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 9Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 10Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 11Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 12Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 13Page - IXYS Corporation CPC7593ZCTR Datasheet HTML 14Page - IXYS Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
INTEGRATED CIRCUITS DIVISION
10
www.ixysic.com
R05
CPC7593
1.6.6 Ringing Test Switch, SW8
Parameter
Test Conditions
Symbol
Minimum
Typical
Maximum
Unit
Off-State
Leakage current
VSW8 (differential) = RTESTin to
RRINGING
All-Off state.
+25° C,
VSW (differential) = -60 V to +175 V
ISW
-
0.05
1
A
+85° C,
VSW (differential) = -60 V to +175 V
0.1
-40° C,
VSW (differential) = -60 V to +175 V
0.05
On Resistance
ISW(ON) = ±70 mA, ±80 mA
RON
-35-
On Voltage
ISW(ON) = ±1 mA
VON
-0.75
1.5
V
Steady-State Current*
Inputs set for ringing test mode.
ISW
--
100
mA
Surge Current*
Inputs set for ringing test mode.
ISW
--
1
A
Release Current
SW4 transition from on to off.
ISW
-450
-
A
Logic input to switch
output isolation
Logic inputs = GND
+25°C, VSW (RRINGING, RTESTin)=±320V
ISW
-
0.1
1
A
+85°C, VSW (RRINGING, RTESTin)=±330V
0.3
-40°C, VSW (RRINGING, RTESTin)=±310V
0.1
dV/dt sensitivity
100VPP Square Wave, 100Hz
(Not production tested - limits are
guaranteed by design and quality
control sampling audits.)
-500
-
V/
s
*Protection and current limiting must prevent exceeding this parameter.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com