Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8973L Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8973L
Description  Stereo CODEC for Portable Audio Applications
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8973L Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8973L Datasheet HTML 1Page - Wolfson Microelectronics plc WM8973L Datasheet HTML 2Page - Wolfson Microelectronics plc WM8973L Datasheet HTML 3Page - Wolfson Microelectronics plc WM8973L Datasheet HTML 4Page - Wolfson Microelectronics plc WM8973L Datasheet HTML 5Page - Wolfson Microelectronics plc WM8973L Datasheet HTML 6Page - Wolfson Microelectronics plc WM8973L Datasheet HTML 7Page - Wolfson Microelectronics plc WM8973L Datasheet HTML 8Page - Wolfson Microelectronics plc WM8973L Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
w
WM8973L
Stereo CODEC for Portable Audio Applications
WOLFSON MICROELECTRONICS plc
To receive regular email updates, sign up at http://www.wolfsonmicro.com/enews
Production Data, December 2011, Rev 4.5
Copyright
2011 Wolfson Microelectronics plc
DESCRIPTION
The WM8973L is a low power, high quality stereo CODEC
designed for portable digital audio applications.
The device integrates complete interfaces to stereo or mono
microphones and a stereo headphone. External component
requirements are drastically reduced as no separate
microphone
or
headphone
amplifiers
are
required.
Advanced on-chip digital signal processing performs graphic
equaliser, 3-D sound enhancement and automatic level
control for the microphone or line input.
The WM8973L can operate as a master or a slave, with
various master clock frequencies including 12 or 24MHz for
USB devices, or standard 256fs rates like 12.288MHz and
24.576MHz. Different audio sample rates such as 96kHz,
48kHz, 44.1kHz are generated directly from the master
clock without the need for an external PLL.
The WM8973L operates at supply voltages down to 1.8V,
although the digital core can operate at voltages down to
1.42V to save power, and the maximum for all supplies is
3.6 Volts. Different sections of the chip can also be powered
down under software control.
The WM8973L is supplied in a very small and thin 5x5mm
QFN package, ideal for use in hand-held and portable
systems.
FEATURES
DAC SNR 98dB (‘A’ weighted), THD –84dB at 48kHz, 3.3V
ADC SNR 95dB (‘A’ weighted), THD -82dB at 48kHz, 3.3V
Complete Stereo / Mono Microphone Interface
-
Programmable ALC / Noise Gate
On-chip 400mW BTL Speaker Driver (mono)
On-chip Headphone Driver
-
>40mW output power on 16
 / 3.3V
-
THD –80dB at 20mW, SNR 90dB with 16
 load
-
No DC blocking capacitors required (capless mode)
Separately mixed mono output
Digital Graphic Equaliser
Low Power
-
7mW stereo playback (1.8V / 1.5V supplies)
-
14mW record & playback (1.8V / 1.5V supplies)
Low Supply Voltages
-
Analogue 1.8V to 3.6V
-
Digital core: 1.42V to 3.6V
-
Digital I/O: 1.8V to 3.6V
256fs / 384fs or USB master clock rates: 12MHz, 24MHz
Audio sample rates: 8, 11.025, 16, 22.05, 24, 32, 44.1, 48,
88.2, 96kHz generated internally from master clock
5x5x0.9mm QFN package
APPLICATIONS
MP3 Player / Recorder
AAC/WMA/Multi-Format Player / Recorder
Minidisc Player / Recorder
Portable Digital Music Systems


Similar Part No. - WM8973L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8973LGEFL/RV WOLFSON-WM8973LGEFL/RV Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8973LGEFL/V WOLFSON-WM8973LGEFL/V Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8973L WOLFSON-WM8973L_11 Datasheet
698Kb / 63P
Stereo CODEC for Portable Audio Applications
More results

Similar Description - WM8973L

ManufacturerPart #DatasheetDescription
logo
Wolfson Microelectronic...
WM8750L WOLFSON-WM8750L Datasheet
661Kb / 56P
STEREO CODEC FOR PORTABLE AUDIO APPLICATIONS
WM8987L WOLFSON-WM8987L Datasheet
739Kb / 58P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL Datasheet
731Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_05 Datasheet
757Kb / 62P
Stereo CODEC for Portable Audio Applications
WM8973 WOLFSON-WM8973_05 Datasheet
754Kb / 61P
Stereo CODEC for Portable Audio Applications
WM8750BL WOLFSON-WM8750BL_12 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
WM8750L WOLFSON-WM8750L_12 Datasheet
733Kb / 65P
Stereo CODEC for Portable Audio Applications
WM8988 WOLFSON-WM8988 Datasheet
584Kb / 56P
Stereo CODEC for Portable Audio Applications
WM8987 WOLFSON-WM8987 Datasheet
821Kb / 59P
Stereo CODEC for Portable Audio Applications
WM8750 WOLFSON-WM8750 Datasheet
773Kb / 60P
Stereo CODEC for Portable Audio Applications
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com