Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8993 Datasheet(PDF) 134 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 134 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 130Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 131Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 132Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 133Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 134Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 135Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 136Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 137Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 138Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 134 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
134
FREE-RUNNING FLL CLOCK
The FLL can generate a clock signal even when no external reference is available. However, it
should be noted that the accuracy of this clock is reduced, and a reference source should always be
used where possible. Note that, in free-running modes, the FLL is not sufficiently accurate for hi-fi
ADC or DAC applications. However, the free-running modes are suitable for clocking most other
functions, including the Write Sequencer, Charge Pump, DC Servo and Class D loudspeaker driver.
If an accurate reference clock is initially available, then the FLL should be configured as described
above. The FLL will continue to generate a stable output clock after the reference input is stopped or
disconnected.
If no reference clock is available at the time of starting up the FLL, then an internal clock frequency
of approximately 12MHz can be generated by enabling the FLL Analogue Oscillator using the
FLL_OSC_ENA register bit, and setting FOUT clock divider to divide by 8 (FLL_OUTDIV = 010b), as
defined in Table 89. Under recommended operating conditions, the FLL output may be forced to
approximately 12MHz by then enabling the FLL_FRC_NCO bit and setting FLL_FRC_NCO_VAL to
19h (see Table 90). The resultant CLK_SYS, together with the default settings of DCLK_DIV,
CLK_DCS_DIV and CLK_256K_DIV, delivers the required clock frequencies for the Class D output
driver, DC Servo, Charge Pump and other functions. Note that the value of FLL_FRC_NCO_VAL
may be adjusted to control FOUT, but care should be taken to maintain the correct relationship
between CLK_SYS and the aforementioned functional blocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com