Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WM8994 Datasheet(PDF) 1 Page - Wolfson Microelectronics plc

Part # WM8994
Description  Multi-Channel Audio Hub CODEC for Smartphones
PDF  359 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8994 Datasheet(HTML) 1 Page - Wolfson Microelectronics plc

  WM8994 Datasheet HTML 1Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 2Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 3Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 4Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 5Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 6Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 7Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 8Page - Wolfson Microelectronics plc WM8994 Datasheet HTML 9Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 359 page
background image
w
WM8994
Multi-Channel Audio Hub CODEC for Smartphones
WOLFSON MICROELECTRONICS plc
Production Data, April 2012, Rev 4.4
[1] This product is protected by Patents US 7,622,984, US 7,626,445,US 7,765,019 and GB 2,432,765
Copyright
2012 Wolfson Microelectronics plc
DESCRIPTION
The WM8994
[1]
is a highly integrated ultra-low power hi-fi
CODEC designed for smartphones and other portable devices
rich in multimedia features.
An integrated stereo class D/AB speaker driver and class W
headphone driver minimize power consumption during audio
playback.
The device requires only two voltage supplies, with all other
internal supply rails generated from integrated LDOs.
Stereo full duplex asynchronous sample rate conversion and
multi-channel digital mixing combined with powerful analogue
mixing allow the device to support a huge range of different
architectures and use cases.
A fully programmable parametric EQ provides speaker
compensation and a dynamic range controller can be used in
the ADC or DAC paths for maintaining a constant signal level,
maximizing
loudness
and
protecting
speakers
against
overloading and clipping.
A smart digital microphone interface provides power regulation,
a low jitter clock output and decimation filters for up to four
digital microphones. A MIC activity detect with interrupt is
available.
Fully differential internal architecture and on-chip RF noise filters
ensure a very high degree of noise immunity. Active ground loop
noise rejection and DC offset correction help prevent pop noise
and suppress ground noise on the headphone outputs.
FEATURES
Hi-fi 24-bit 4-channel DAC and 2-channel ADC
100dB SNR during DAC playback (‘A’ weighted)
Smart MIC interface
-
Power, clocking and data input for up to four digital MICs
-
High performance analogue MIC interface
-
MIC activity detect & interrupt allows processor to sleep
2W stereo (2 x 2W) class D/AB speaker driver
Capless Class W headphone drivers
-
Integrated charge pump
-
5.3mW total power for DAC playback to headphones
4 Line outputs (single-ended or differential)
BTL Earpiece driver
Digital audio interfaces for multi-processor architecture
-
Asynchronous stereo duplex sample rate conversion
-
Powerful mixing and digital loopback functions
ReTune
TM Mobile 5-band, 6-channel parametric EQ
Programmable dynamic range controller
Dual FLL provides all necessary clocks
-
Self-clocking modes allow processor to sleep
-
All standard sample rates from 8kHz to 96kHz
Active noise reduction circuits
-
DC offset correction removes pops and clicks
-
Ground loop noise cancellation
Integrated LDO regulators
72-ball W-CSP package (4.511 x 4.023 x 0.7mm)
APPLICATIONS
Smartphones and music phones
Portable navigation
Tablets
eBooks
Portable Media Players


Similar Part No. - WM8994

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
WM8994 CIRRUS-WM8994 Datasheet
11Mb / 363P
Multi-channel Audio Hub CODEC for Smartphones
Rev 4.6 JUL 18
WM8994ECS/R CIRRUS-WM8994ECS/R Datasheet
11Mb / 363P
Multi-channel Audio Hub CODEC for Smartphones
Rev 4.6 JUL 18
More results

Similar Description - WM8994

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AV2188 ETC-AV2188 Datasheet
198Kb / 20P
Multi-Channel Audio CODEC
logo
Asahi Kasei Microsystem...
AKD4626A-B AKM-AKD4626A-B Datasheet
467Kb / 44P
Multi-channel Audio CODEC.
logo
Wolfson Microelectronic...
WM1811A WOLFSON-WM1811A Datasheet
3Mb / 328P
Multi-Channel Audio Hub CODEC for Smartphones
WM8958 WOLFSON-WM8958 Datasheet
4Mb / 377P
Multi-Channel Audio Hub CODEC for Smartphones
WM8993 WOLFSON-WM8993 Datasheet
2Mb / 229P
Audio Hub CODEC for Multimedia Phones
WM8998 WOLFSON-WM8998 Datasheet
4Mb / 307P
High Performance Audio Hub CODEC
logo
Realtek Semiconductor C...
ALC5640 REALTEK-ALC5640 Datasheet
1Mb / 150P
Multi-Channel Audio Hub/CODEC
ALC5642 REALTEK-ALC5642 Datasheet
1Mb / 156P
Multi-Channel Audio Hub/CODEC
ALC5645 REALTEK-ALC5645 Datasheet
1Mb / 188P
Multi-Channel Audio Hub/CODEC
ALC5672 REALTEK-ALC5672 Datasheet
1Mb / 179P
Multi-Channel Audio Hub/CODEC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com