Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT97SC3201 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT97SC3201
Description  Trusted Platform Module
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT97SC3201 Datasheet(HTML) 1 Page - ATMEL Corporation

  AT97SC3201 Datasheet HTML 1Page - ATMEL Corporation AT97SC3201 Datasheet HTML 2Page - ATMEL Corporation AT97SC3201 Datasheet HTML 3Page - ATMEL Corporation AT97SC3201 Datasheet HTML 4Page - ATMEL Corporation AT97SC3201 Datasheet HTML 5Page - ATMEL Corporation AT97SC3201 Datasheet HTML 6Page - ATMEL Corporation AT97SC3201 Datasheet HTML 7Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Note: This is a summary document. A complete document is
available under NDA. For more information, please contact your
local Atmel sales office.
Features
• Full TCG/TCPA V1.1b Compatibility
• Single Chip Turnkey Solution
• Hardware Asymmetric Crypto Engine
• 2048 RSA Sign in 500 ms Using CRT
• AVR 8-bit RISC Microprocessor
• Internal EEPROM Storage for 10+ RSA Keys
• 33 MHz LPC (Low Pin Count) Bus for Easy PC Interface
• 100 KHz System Management Bus (SMBus) Two-wire Interface
• Secure Hardware and Firmware Design and Chip Layout
• True Random Number Generator (RNG)
• Secure Real-time Clock Option
• 3.3V ±10% Supply Voltage
• 28-lead TSSOP Package or 40-lead MLF Package
• 0–70
°C Temperature Range
Description
The AT97SC3201 is a fully integrated security module designed to be integrated into
personal computers and other embedded systems. It implements version 1.1b of the
Trusted Computing Platform Alliance (TCPA) specification for Trusted Platform
Modules (TPM). This specification has been adopted by the Trusted Computing Group
(TCG).
The TPM includes a crypto accelerator capable of computing a 2048-bit RSA
signature in 500 ms and a 1024-bit RSA signature in 100 ms, both using CRT.
Communication to and from the TPM can occur through one of two interface
protocols: either a 33-MHz LPC interface or a 100-KHz SMBus two-wire interface.
Figure 1. AT97SC3201 Block Diagram
The chip includes a full hardware random number generator that is used for the TCG
protocol and is also available to the system for any random numbers it may need
during normal operation.
33 MHz
LPC
Interface
AVR
8/16 Bit
CPU
Physical
Security
Circuitry
SMBCLK/IOA
SMBus Interface
or GPIO
RTC
VBB
32.768 kHz
RNG
Timer
ROM
Program
EEPROM
Program
EEPROM
Data
CRYPTO
Engine
SRAM
IOC
SMBDAT/IOB
Trusted
Platform
Module
AT97SC3201
Summary
Rev. 2015DS-TPM–7/04


Similar Part No. - AT97SC3201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
Trusted Platform Module
AT97SC3203-01AC ATMEL-AT97SC3203-01AC Datasheet
216Kb / 8P
Trusted Platform Module
AT97SC3203-01MC ATMEL-AT97SC3203-01MC Datasheet
216Kb / 8P
Trusted Platform Module
AT97SC3203-X1AC ATMEL-AT97SC3203-X1AC Datasheet
216Kb / 8P
Trusted Platform Module
AT97SC3203-X1MC ATMEL-AT97SC3203-X1MC Datasheet
216Kb / 8P
Trusted Platform Module
More results

Similar Description - AT97SC3201

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT97SC3203 ATMEL-AT97SC3203 Datasheet
216Kb / 8P
Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S Datasheet
212Kb / 8P
Trusted Platform Module
AT97SC3203S ATMEL-AT97SC3203S_08 Datasheet
286Kb / 8P
Trusted Platform Module
AT97SC3204 ATMEL-AT97SC3204 Datasheet
107Kb / 10P
Trusted Platform Module
AT97SC3205T ATMEL-AT97SC3205T_14 Datasheet
324Kb / 10P
Trusted Platform Module
logo
Infineon Technologies A...
SLB9665 INFINEON-SLB9665 Datasheet
934Kb / 24P
Trusted Platform Module
Revision 1.0, 2015-10-27
SLB9660 INFINEON-SLB9660 Datasheet
912Kb / 22P
Trusted Platform Module
Revision 1.0, 2014-12-12
SLM9670AQ2.0 INFINEON-SLM9670AQ2.0 Datasheet
542Kb / 24P
Trusted Platform Module
Revision 1.0 2019-04-08
SLB9670TPM1.2 INFINEON-SLB9670TPM1.2 Datasheet
261Kb / 18P
Trusted Platform Module
Revision 1.3 2018-09-21
SLB9670TPM2.0 INFINEON-SLB9670TPM2.0 Datasheet
283Kb / 21P
Trusted Platform Module
Revision 1.4 2018-12-07
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com