Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE1122 Datasheet(PDF) 5 Page - Seaward Electronics Inc.

Part # SE1122
Description  1A Low Dropout Positive Regulator
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE1122 Datasheet(HTML) 5 Page - Seaward Electronics Inc.

  SE1122 Datasheet HTML 1Page - Seaward Electronics Inc. SE1122 Datasheet HTML 2Page - Seaward Electronics Inc. SE1122 Datasheet HTML 3Page - Seaward Electronics Inc. SE1122 Datasheet HTML 4Page - Seaward Electronics Inc. SE1122 Datasheet HTML 5Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Revision 1/21/2014
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2007
• www.seawardinc.com.cn • Page 5
Customer Support
Seaward Electronics Incorporated
– China
Section B, 2nd Floor, ShangDi Scientific Office Complex, #22 XinXi Road
Haidian District, Beijing 100085, China
Tel: 86-10-8289-5700/01/05
Fax: 86-10-8289-5706
Seaward Electronics Corporation
– Taiwan
2F, #181, Sec. 3, Minquan East Rd,
Taipei, Taiwan R.O.C
Tel: 886-2-2712-0307
Fax: 886-2-2712-0191
Seaward Electronics Incorporated
– North America
1512 Centre Pointe Dr.
Milpitas, CA95035, USA
Tel: 1-408-821-6600
Last Updated - 1/21/2014



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com