Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE8119 Datasheet(PDF) 2 Page - Seaward Electronics Inc.

Part # SE8119
Description  800mA Positive Voltage Regulators
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE8119 Datasheet(HTML) 2 Page - Seaward Electronics Inc.

  SE8119 Datasheet HTML 1Page - Seaward Electronics Inc. SE8119 Datasheet HTML 2Page - Seaward Electronics Inc. SE8119 Datasheet HTML 3Page - Seaward Electronics Inc. SE8119 Datasheet HTML 4Page - Seaward Electronics Inc. SE8119 Datasheet HTML 5Page - Seaward Electronics Inc. SE8119 Datasheet HTML 6Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Revision 5/9/2012
Preliminary and all contents are subject to change without prior notice.
© Seaward Electronics, Inc., 2006. • www.seawardinc.com.cn • Page 2
Absolute Maximum Rating
Symbol
Parameter
Maximum
Units
VIN
Input Supply Voltage
9
V
TJ
Operating Junction Temperature Range
0 to 125
°C
TSTG
Storage Temperature Range
-40 to 150
°C
TLEAD
Lead Temperature (Soldering 10 Sec)
260
°C
Electrical Characteristic
VIN,MAX
≤ 8V, VIN,MIN – VOUT = 1.5V, IOUT = 10mA, CIN = 10µF, COUT = 22µF, TJ = 0 – 125°C, unless otherwise specified.
Symbol
Parameter
Test Condition
Min
Typ
Max
Units
VO
Output Voltage
SE8119-3.3
3.234
3.3
3.366
V
VREF
Reference Voltage
(Adj. Voltage Version)
(VIN - VOUT) = 1.5V
IOUT = 10mA
(-2%)
1.250
(+2%)
V
VSR
Line Regulation
VOUT + 1.5V < VIN < 8V
IOUT = 10mA
--
0.3
--
%
VLR
Load Regulation
(1)
(VIN - VOUT) = 1.5V
10mA
≤ I
OUT
≤ 800mA
--
1.2
--
%
IQ
Quiescent Current
--
2.6
--
mA
IADJ
Adjust Pin Current
--
51
--
μA
∆I
ADJ
Adjust Pin Current
Change
VOUT + 1.5V < VIN < 8V
10mA
≤ I
OUT
≤ 800mA
--
6
--
μA
VD
Dropout Voltage
(1), (2)
IOUT = 800mA
--
1.5
--
V
IO
Minimum Load Current
--
0.4
--
mA
VICL
Current Limit
(1)
--
0.9
--
A
TC
Temperature Coefficient
--
0.05
--
%/°C
OTP
Thermal Protection
--
150
--
°C
VN
RMS Output Noise
TA = 25°C, 10Hz
≤ f ≤ 10kHz
--
0.003
--
%VO
RA
Ripple Rejection Ratio
f = 120Hz,
COUT
= 22μF (Tantalum),
(VIN - VOUT) = 2V, IOUT = 10mA
--
58
--
dB
Notes:
1.
Low duty cycle pulse testing with which TJ remains unchanged.
2.
∆VOUT = 1%.
Ordering/Marking Information
Device
Marking Information
Package
VOUT
SE8119TXXLF
SE8119TXXLF/HF
SOT-223
Fixed output voltages; X denotes voltage options
(1.5V,1.8V, 2.5V,3.3V and 5.0V).
SE8119TALF
SE8119TALF/HF
Adjustable output voltage.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com