Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74F623N Datasheet(PDF) 4 Page - Texas Instruments

Part # SN74F623N
Description  OCTAL BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74F623N Datasheet(HTML) 4 Page - Texas Instruments

  SN74F623N Datasheet HTML 1Page - Texas Instruments SN74F623N Datasheet HTML 2Page - Texas Instruments SN74F623N Datasheet HTML 3Page - Texas Instruments SN74F623N Datasheet HTML 4Page - Texas Instruments SN74F623N Datasheet HTML 5Page - Texas Instruments SN74F623N Datasheet HTML 6Page - Texas Instruments SN74F623N Datasheet HTML 7Page - Texas Instruments SN74F623N Datasheet HTML 8Page - Texas Instruments SN74F623N Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
SN54F623, SN74F623
OCTAL BUS TRANSCEIVERS
WITH 3-STATE OUTPUTS
SDFS087 – MARCH 1987 – REVISED OCTOBER 1993
2–4
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
switching characteristics (see Note 2)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
CL = 50 pF,
RL = 500 Ω,
TA = 25°C
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX †
UNIT
(INPUT)
(OUTPUT)
′F623
SN54F623
SN74F623
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
B
1.2
3.6
5.5
1.1
6.8
1.2
6.5
ns
tPHL
A
B
2.2
4.6
7
1.6
8
1.7
7.5
ns
tPLH
B
A
1.2
3.6
5.5
1.1
6.8
1.2
6.5
ns
tPHL
B
A
1.7
4.1
6.5
1.6
8
1.7
7.5
ns
tPZH
OEBA
A
3.1
8.1
10.5
2.7
12.4
3.1
12
ns
tPZL
OEBA
A
2.8
7.1
9.5
2.5
10.3
2.8
10
ns
tPHZ
OEBA
A
1.7
4.1
6.5
1.6
8.3
1.7
7.5
ns
tPLZ
OEBA
A
1.7
4.1
6.5
1.5
7.4
1.7
7
ns
tPZH
OEAB
B
2.8
7.6
10
2.7
12
2.8
11.5
ns
tPZL
OEAB
B
2.8
6.6
9
2.8
10
2.9
9.5
ns
tPHZ
OEAB
B
2.2
5.6
8.5
1.9
10
2.2
10
ns
tPLZ
OEAB
B
3.2
6.6
9
3.1
10.7
3.2
10
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
NOTE 2: Load circuits and waveforms are shown in Section 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com