Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SE9021 Datasheet(PDF) 6 Page - Seaward Electronics Inc.

Part # SE9021
Description  Standalone Linear Lithium Battery Charger
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEAWARD [Seaward Electronics Inc.]
Direct Link  http://www.seawardinc.com
Logo SEAWARD - Seaward Electronics Inc.

SE9021 Datasheet(HTML) 6 Page - Seaward Electronics Inc.

  SE9021 Datasheet HTML 1Page - Seaward Electronics Inc. SE9021 Datasheet HTML 2Page - Seaward Electronics Inc. SE9021 Datasheet HTML 3Page - Seaward Electronics Inc. SE9021 Datasheet HTML 4Page - Seaward Electronics Inc. SE9021 Datasheet HTML 5Page - Seaward Electronics Inc. SE9021 Datasheet HTML 6Page - Seaward Electronics Inc. SE9021 Datasheet HTML 7Page - Seaward Electronics Inc. SE9021 Datasheet HTML 8Page - Seaward Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
Revision 11/2/2010
Preliminary and all contents are subject to change without prior notice
© Seaward Electronics Inc., 2007. • www.seawardinc.com.cn • Page 6
Typical Operating Characteristics
SE9021 Charging Curve
0
50
100
150
200
250
300
3.5
3.6
3.7
3.8
3.9
4
4.1
4.2
4.3
4.4
Battery Voltage (V)
Series2
Application Notes:
LED1
RED
LED2
Green
LED3
Blue
R2
1K
R3
1K
R1
1K
Bat-
Bat+
Vcc
GND
C1
220uF
4.75V ~ 6V
LED4
Yellow
R4
1K
Table#1. Waterfall LED Application.
The typical SE9021 display Logic is shown below:
System States
Power Supply
Condition
Battery
Condition
LED1
LED2
LED3
LED4
Battery Detection
Disconnected
Connected
ON
OFF
OFF
OFF
Power Detection
Connected
Disconnected
OFF
OFF
OFF
OFF
Charging
Flashing
Flashing
Flashing
Flashing
Near Completion
Fast
Flashing
Fast
Flashing
Fast
Flashing
Fast
Flashing
Battery Full
Connected
Connected
ON
ON
ON
ON
Battery Shorted
Shorted
OFF
OFF
OFF
OFF



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com