Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IMX2 Datasheet(PDF) 1 Page - Rohm

Part # IMX2
Description  General purpose (dual transistors)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

IMX2 Datasheet(HTML) 1 Page - Rohm

  IMX2 Datasheet HTML 1Page - Rohm IMX2 Datasheet HTML 2Page - Rohm IMX2 Datasheet HTML 3Page - Rohm  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EMX2 / EMX3 / UMX2N / UMX3N / IMX2 / IMX3
Transistors
General purpose (dual transistors)
EMX2 / EMX3 / UMX2N / UMX3N / IMX2 / IMX3
!
Features
1) Two 2SC2412AK chips in a EMT or UMT or SMT package.
!
Equivalent circuits
(1)
(2)
(3)
(4) (5)
(6)
(6)
(5)
(4)
(3) (2)
(1)
(1)
(2)
(3)
(4)
(5)
(6)
(6)
(5)
(4)
(3)
(2)
(1)
EMX2 / UMX2N
IMX2
EMX3 / UMX3N
IMX3
!
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
VCBO
VCEO
VEBO
IC
PC
Tj
Tstg
Limits
60
50
7
150
300(TOTAL)
150(TOTAL)
EMX2 / EMX3 / UMX2N / UMX3N
IMX2 / IMX3
150
−55~+150
Unit
V
V
V
mA
mW
°C
°C
Collector-base voltage
Collector-emitter voltage
Emitter-base voltage
Collector current
Collector power
dissipation
Junction temperature
Storage temperature
∗1 120mW per element must not be exceeded.
∗2 200mW per element must not be exceeded.
∗1
∗2
!
Electrical characteristics (Ta=25
°C)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Transition frequency
BVCBO
BVCEO
BVEBO
ICBO
IEBO
VCE(sat)
hFE
fT
60
50
7
−
−
−
120
−
−
−
−
−
−
−
−
180
−
−
−
0.1
0.1
0.4
560
−
V
V
V
µA
µA
V
−
MHz
∗
Cob
−
2
3.5
pF
IC
=50µA
IC
=1mA
IE
=50µA
VCB
=60V
VEB
=7V
VCE
=12V, IE=−2mA, f=100MHz
VCB
=12V, IE=0mA, f=1kHz
IC/IB
=50mA/5mA
VCE
=6V, IC=1mA
∗Transition frequency of the device.
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector cutoff current
Emitter cutoff current
Collector-emitter saturation voltage
DC current transfer ratio
Output capacitance
!
Package, marking, and packaging specifications
Type
EMX2
EMT6
X2
T2R
8000
EMX3
EMT6
X3
T2R
8000
UMX2N
UMT6
X2
TR
3000
UMX3N
UMT6
X3
TR
3000
IMX2
SMT6
X2
T108
3000
IMX3
SMT6
X3
T108
3000
Package
Marking
Code
Basic ordering unit (pieces)


Similar Part No. - IMX2

ManufacturerPart #DatasheetDescription
logo
Rohm
IMX2 ROHM-IMX2 Datasheet
81Kb / 4P
General purpose (dual transistors)
logo
Unisonic Technologies
IMX2 UTC-IMX2 Datasheet
70Kb / 2P
GENERAL PURPOSE DUAL TRANSISTOR
logo
Rohm
IMX2 ROHM-IMX2 Datasheet
88Kb / 4P
General purpose (dual transistors)
IMX2 ROHM-IMX2 Datasheet
46Kb / 3P
General purpose (dual transistors)
logo
Unisonic Technologies
IMX2 UTC-IMX2 Datasheet
100Kb / 2P
GENERAL PURPOSE DUAL TRANSISTOR
More results

Similar Description - IMX2

ManufacturerPart #DatasheetDescription
logo
Rohm
EMT18 ROHM-EMT18 Datasheet
78Kb / 4P
General purpose transistors (dual transistors)
EMX26 ROHM-EMX26 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMX18 ROHM-EMX18_1 Datasheet
82Kb / 4P
General purpose transistors (dual transistors)
EMT18 ROHM-EMT18_10 Datasheet
716Kb / 4P
General purpose transistors(dual transistors)
logo
Shenzhen Jin Yu Semicon...
EMH2 HTSEMI-EMH2 Datasheet
318Kb / 1P
General purpose transistors (dual transistors)
UMB3N HTSEMI-UMB3N Datasheet
508Kb / 1P
General purpose transistors (dual transistors)
UMF5 HTSEMI-UMF5 Datasheet
616Kb / 2P
General purpose transistors (dual transistors)
UMG3N HTSEMI-UMG3N Datasheet
1Mb / 1P
General purpose transistors (dual transistors)
UMH10N HTSEMI-UMH10N Datasheet
297Kb / 1P
General purpose transistors (dual transistors)
logo
Rohm
IMX1T110 ROHM-IMX1T110 Datasheet
93Kb / 4P
General purpose transistors(dual transistors)
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com