Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74ALS244CDBLE Datasheet(PDF) 1 Page - Texas Instruments

Part # SN74ALS244CDBLE
Description  OCTAL BUFFERS AND LINE DRIVERS
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS244CDBLE Datasheet(HTML) 1 Page - Texas Instruments

  SN74ALS244CDBLE Datasheet HTML 1Page - Texas Instruments SN74ALS244CDBLE Datasheet HTML 2Page - Texas Instruments SN74ALS244CDBLE Datasheet HTML 3Page - Texas Instruments SN74ALS244CDBLE Datasheet HTML 4Page - Texas Instruments SN74ALS244CDBLE Datasheet HTML 5Page - Texas Instruments SN74ALS244CDBLE Datasheet HTML 6Page - Texas Instruments SN74ALS244CDBLE Datasheet HTML 7Page - Texas Instruments SN74ALS244CDBLE Datasheet HTML 8Page - Texas Instruments SN74ALS244CDBLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
SN54ALS244C, SN54AS244A, SN74ALS244C, SN74AS244A
OCTAL BUFFERS AND LINE DRIVERS
WITH 3-STATE OUTPUTS
SDAS142C – JULY 1987 – REVISED AUGUST 1995
Copyright
© 1995, Texas Instruments Incorporated
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
• 3-State Outputs Drive Bus Lines or Buffer
Memory Address Registers
• pnp Inputs Reduce dc Loading
• Package Options Include Plastic
Small-Outline (DW) Packages, Ceramic
Chip Carriers (FK), and Standard Plastic (N)
and Ceramic (J) 300-mil DIPs
description
These octal buffers and line drivers are designed
specifically to improve the performance and
density of 3-state memory address drivers, clock
drivers,
and
bus-oriented
receivers
and
transmitters. With the
′ALS240A, ′ALS241C,
′AS240A, and ′AS241A, these devices provide the
choice of selected combinations of inverting
outputs, symmetrical active-low output-enable
(OE) inputs, and complementary OE and OE
inputs.
The -1 version of SN74ALS244C is identical to the
standard version, except that the recommended
maximum IOL for the -1 version is 48 mA. There is
no -1 version of the SN54ALS244C.
The
SN54ALS244C
and
SN54AS244A
are
characterized for operation over the full military
temperature range of – 55
°C to 125°C. The
SN74ALS244C
and
SN74AS244A
are
characterized for operation from 0
°C to 70°C.
FUNCTION TABLE
(each buffer)
INPUTS
OUTPUT
OE
A
Y
L
H
H
L
LL
H
X
Z
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
1OE
1A1
2Y4
1A2
2Y3
1A3
2Y2
1A4
2Y1
GND
VCC
2OE
1Y1
2A4
1Y2
2A3
1Y3
2A2
1Y4
2A1
SN54ALS244C, SN54AS244A ...J PACKAGE
SN74ALS244C, SN74AS244A . . . DW OR N PACKAGE
(TOP VIEW)
3
2
1 20 19
910 11 12 13
4
5
6
7
8
18
17
16
15
14
1Y1
2A4
1Y2
2A3
1Y3
1A2
2Y3
1A3
2Y2
1A4
SN54ALS244C, SN54AS244A . . . FK PACKAGE
(TOP VIEW)
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - SN74ALS244CDBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74ALS244CDBLE TI-SN74ALS244CDBLE Datasheet
535Kb / 17P
OCTAL BUFFERS AND LINE DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74ALS244CDBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54HCT541 TI-SN54HCT541_06 Datasheet
452Kb / 15P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
SN54HCT541 TI1-SN54HCT541_16 Datasheet
1Mb / 21P
OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com