Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74AS652 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74AS652
Description  OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AS652 Datasheet(HTML) 1 Page - Texas Instruments

  SN74AS652 Datasheet HTML 1Page - Texas Instruments SN74AS652 Datasheet HTML 2Page - Texas Instruments SN74AS652 Datasheet HTML 3Page - Texas Instruments SN74AS652 Datasheet HTML 4Page - Texas Instruments SN74AS652 Datasheet HTML 5Page - Texas Instruments SN74AS652 Datasheet HTML 6Page - Texas Instruments SN74AS652 Datasheet HTML 7Page - Texas Instruments SN74AS652 Datasheet HTML 8Page - Texas Instruments SN74AS652 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 33 page
background image
SN54ALS652, SN54ALS653, SN54AS651, SN54AS652
SN74ALS651A, SN74ALS652A, SN74ALS653, SN74ALS654, SN74AS651, SN74AS652
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SDAS066G – DECEMBER 1983 – REVISED DECEMBER 2000
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Bus Transceivers/Registers
D Independent Registers and Enables for A
and B Buses
D Multiplexed Real-Time and Stored Data
D Choice of True or Inverting Data Paths
D Choice of 3-State or Open-Collector
Outputs to A Bus
DEVICE
A OUTPUT
B OUTPUT
LOGIC
SN74ALS651A,
’AS651
3-State
3-State
Inverting
SN54ALS652,
SN74ALS652A,
’AS652
3-State
3-State
True
’ALS653
Open Collector
3-State
Inverting
SN74ALS654
Open Collector
3-State
True
description
These devices consist of bus-transceiver circuits,
D-type flip-flops, and control circuitry arranged for
multiplexed transmission of data directly from the
data bus or from the internal storage registers.
Output-enable (OEAB and OEBA) inputs are
provided to control the transceiver functions.
Select-control (SAB and SBA) inputs are provided
to select real-time or stored data transfer. The
circuitry used for select control eliminates the
typical decoding glitch that occurs in a multiplexer
during the transition between stored and real-time
data. A low input level selects real-time data, and
a high input level selects stored data. Figure 1
illustrates the four fundamental bus-management
functions that can be performed with the octal bus
transceivers and registers
Data on the A or B data bus, or both, can be stored in the internal D-type flip-flops by low-to-high transitions at
the appropriate clock (CLKAB or CLKBA) terminals, regardless of the select- or output-control terminals. When
SAB and SBA are in the real-time transfer mode, it is possible to store data without using the internal D-type
flip-flops by simultaneously enabling OEAB and OEBA. In this configuration, each output reinforces its input.
When all other data sources to the two sets of bus lines are at high impedance, each set of bus lines remains
at its last state.
The -1 versions of the SN74ALS651A and SN74ALS652A are identical to the standard versions except that the
recommended maximum IOL for the -1 versions is increased to 48 mA. There are no -1 versions of the
SN54ALS652, SN54ALS653, SN74ALS653, and SN74ALS654.
Copyright
 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NC – No internal connection
SN54ALS’, SN54AS’ . . . FK PACKAGE
(TOP VIEW)
SN54ALS’, SN54AS’ . . . JT PACKAGE
SN74ALS’, SN74AS’ . . . DW OR NT PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
9
10
11
12
24
23
22
21
20
19
18
17
16
15
14
13
CLKAB
SAB
OEAB
A1
A2
A3
A4
A5
A6
A7
A8
GND
VCC
CLKBA
SBA
OEBA
B1
B2
B3
B4
B5
B6
B7
B8
32 1
13 14
5
6
7
8
9
10
11
OEBA
B1
B2
NC
B3
B4
B5
A1
A2
A3
NC
A4
A5
A6
4
15 16 17 18
28 27 26
25
24
23
22
21
20
19
12


Similar Part No. - SN74AS652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74AS652 TI-SN74AS652 Datasheet
331Kb / 22P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74AS652 TI-SN74AS652 Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74AS652 TI2-SN74AS652 Datasheet
583Kb / 31P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
REVISED DECEMBER 2000
SN74AS652DW TI-SN74AS652DW Datasheet
331Kb / 22P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74AS652DW TI-SN74AS652DW Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74AS652

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54ABT646 TI-SN54ABT646 Datasheet
344Kb / 16P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646 Datasheet
337Kb / 15P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT652 TI-SN54BCT652 Datasheet
112Kb / 7P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54LVC646A TI-SN54LVC646A Datasheet
197Kb / 13P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT646A TI-SN54ABT646A_07 Datasheet
528Kb / 24P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54BCT646 TI-SN54BCT646_07 Datasheet
385Kb / 18P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT2952A TI-SN54ABT2952A_07 Datasheet
548Kb / 19P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ALS652 TI-SN54ALS652_00 Datasheet
700Kb / 33P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN54ABT651 TI-SN54ABT651_08 Datasheet
362Kb / 14P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
SN74ALS646 TI-SN74ALS646 Datasheet
1Mb / 29P
OCTAL BUS TRANSCEIVERS AND REGISTERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com