Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX191 Datasheet(PDF) 21 Page - Maxim Integrated Products

Part # MAX191
Description  Low-Power, 12-Bit Sampling ADC with Internal Reference and Power-Down
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX191 Datasheet(HTML) 21 Page - Maxim Integrated Products

Back Button MAX191 Datasheet HTML 16Page - Maxim Integrated Products MAX191 Datasheet HTML 17Page - Maxim Integrated Products MAX191 Datasheet HTML 18Page - Maxim Integrated Products MAX191 Datasheet HTML 19Page - Maxim Integrated Products MAX191 Datasheet HTML 20Page - Maxim Integrated Products MAX191 Datasheet HTML 21Page - Maxim Integrated Products MAX191 Datasheet HTML 22Page - Maxim Integrated Products MAX191 Datasheet HTML 23Page - Maxim Integrated Products MAX191 Datasheet HTML 24Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
Wire-wrap boards are not recommended. Board layout
should ensure that digital- and analog-signal lines are
separated from each other. Do not run analog and digi-
tal (especially clock) lines parallel to one another, or
digital lines underneath the ADC package.
Figure 23 shows the recommended system ground
connections. Establish a single-point ground (“star”
ground point) at AGND, separate from the logic
ground. Connect all other analog grounds and DGND
to it. No other digital-system ground should be con-
nected to this single-point analog ground. The ground
return to the power supply for this star ground should
be low impedance and as short as possible for noise-
free operation.
High-frequency noise in the VDD power supply may
affect the high-speed comparator in the ADC. Bypass
these supplies to the single-point analog ground with
Low-Power, 12-Bit Sampling ADC
with Internal Reference and Power-Down
______________________________________________________________________________________
21
MAX191
AIN +
AIN -
D0–D11
VIN
R7
10k
R8
10k
VREF
R6
10k
R5
10k
R1
10k
R2
100
Ω
R3
10k
R4
49.9
Ω
VREF
R9*
20k
0.1
µF*
R10*
49.9
Ω
* CONNECT AIN- TO AGND WHEN USING DUAL SUPPLIES
MAX480
Figure 21b. Offset (±10mV) and Gain (±1%) Trim Circuit
01 . . . 111
01 . . . 110
00 . . . 010
00 . . . 001
11 . . . 111
11 . . . 110
00 . . . 000
10 . . . 001
10 . . . 000
11 . . . 101
0V
VREF - 1LSB
VREF
––––
2
0V
SINGLE SUPPLY
VREF
AIN- = ––––
2
(
)
DUAL SUPPLY
AIN- = 0V
VREF
–––– - 1LSB
2
-VREF
––––
2
Figure 22. Bipolar Transfer Function
SUPPLIES
+5V
-5V
GND
VDD
AGND
VSS DGND
+5V
DGND
R* = 10
Ω
DIGITAL
CIRCUITRY
*OPTIONAL
MAX191
Figure 23. Power-Supply Grounding Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com