Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2941CSX Datasheet(PDF) 12 Page - Texas Instruments

Part # LM2941CSX
Description  1A Low Dropout Adjustable Regulator
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LM2941CSX Datasheet(HTML) 12 Page - Texas Instruments

Back Button LM2941CSX Datasheet HTML 8Page - Texas Instruments LM2941CSX Datasheet HTML 9Page - Texas Instruments LM2941CSX Datasheet HTML 10Page - Texas Instruments LM2941CSX Datasheet HTML 11Page - Texas Instruments LM2941CSX Datasheet HTML 12Page - Texas Instruments LM2941CSX Datasheet HTML 13Page - Texas Instruments LM2941CSX Datasheet HTML 14Page - Texas Instruments LM2941CSX Datasheet HTML 15Page - Texas Instruments LM2941CSX Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
LM2941, LM2941C
SNVS770I – JUNE 1999 – REVISED JANUARY 2015
www.ti.com
8 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
8.1 Application Information
Figure 18 shows the typical application circuit for the LM2941. The output capacitor, COUT, must have a
capacitance value of at least 22 µF with an equivalent series resistance (ESR) of at least 100 m
Ω, but no more
than 1
Ω. The minimum capacitance value and the ESR requirements apply across the entire expected operating
ambient temperature range.
8.2 Typical Application
Note: Using 1 k
Ω for R1 will ensure that the bias current error from the adjust pin will be negligible. Do not bypass R1
or R2. This will lead to instabilities.
* Required if regulator is located far from power supply filter.
** COUT must be at least 22 μF to maintain stability. May be increased without bound to maintain regulation during
transients. Locate as close as possible to the regulator. This capacitor must be rated over the same operating
temperature range as the regulator and the ESR is critical.
Figure 18. 5-V to 20-V Adjustable Regulator
8.2.1 Design Requirements
DESIGN PARAMETER
EXAMPLE VALUE
Input voltage range
10 V to 26 V
Output voltage
15 V
Output current range
5 mA to 1 A
Input capacitor value
0.47 µF
Output capacitor value
22 µF minimum
Output capacitor ESR range
100 m
Ω to 1 Ω
12
Submit Documentation Feedback
Copyright © 1999–2015, Texas Instruments Incorporated
Product Folder Links: LM2941 LM2941C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com