Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IXYA8N90C3D1 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXYA8N90C3D1
Description  900V XPTTM IGBT
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYA8N90C3D1 Datasheet(HTML) 2 Page - IXYS Corporation

  IXYA8N90C3D1 Datasheet HTML 1Page - IXYS Corporation IXYA8N90C3D1 Datasheet HTML 2Page - IXYS Corporation IXYA8N90C3D1 Datasheet HTML 3Page - IXYS Corporation IXYA8N90C3D1 Datasheet HTML 4Page - IXYS Corporation IXYA8N90C3D1 Datasheet HTML 5Page - IXYS Corporation IXYA8N90C3D1 Datasheet HTML 6Page - IXYS Corporation IXYA8N90C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
IXYA8N90C3D1
IXYP8N90C3D1
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,860,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Notes:
1. Pulse test, t
 300μs, duty cycle, d  2%.
2. Switching times & energy losses may increase for higher V
CE(clamp), TJ or RG.
Symbol Test Conditions
Characteristic Values
(T
J = 25°C Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
I
C = 8A, VCE = 10V, Note 1
2.9
4.8
S
C
ies
400
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
30
pF
C
res
7.8
pF
Q
g(on)
13.3
nC
Q
ge
I
C = 8A, VGE = 15V, VCE = 0.5 • VCES
3.4
nC
Q
gc
5.8
nC
t
d(on)
16
ns
t
ri
20
ns
E
on
0.46
mJ
t
d(off)
40
ns
t
fi
130
ns
E
off
0.18
0.50
mJ
t
d(on)
17
ns
t
ri
22
ns
E
on
1.00
mJ
t
d(off)
75
ns
t
fi
163
ns
E
off
0.22
mJ
R
thJC
1.2 °C/W
R
thCS
TO-220
0.50
°C/W
Inductive load, T
J = 25°C
I
C = 8A, VGE = 15V
V
CE = 0.5 • VCES, RG = 30
Note 2
Inductive load, T
J = 125°C
I
C = 8A, VGE = 15V
V
CE = 0.5 • VCES, RG = 30
Note 2
Reverse Diode (FRED)
(T
J = 25°C, Unless Otherwise Specified)
Characteristic Value
Symbol
Test Conditions
Min.
Typ.
Max.
V
F
3.0
V
T
J = 150°C
2.0
V
I
RM
7.5
A
t
rr
114
ns
R
thJC
2.5 °C/W
I
F = 10A,VGE = 0V, -diF/dt = 200A/μs,
T
J = 100°C
V
R = 600V
T
J = 100°C
I
F = 10A,VGE = 0V, Note 1
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
4.06
4.83
.160
.190
b
0.51
0.99
.020
.039
b2
1.14
1.40
.045
.055
c
0.40
0.74
.016
.029
c2
1.14
1.40
.045
.055
D
8.64
9.65
.340
.380
D1
8.00
8.89
.280
.320
E
9.65
10.41
.380
.405
E1
6.22
8.13
.270
.320
e
2.54
BSC
.100
BSC
L
14.61
15.88
.575
.625
L1
2.29
2.79
.090
.110
L2
1.02
1.40
.040
.055
L3
1.27
1.78
.050
.070
L4
0
0.13
0
.005
TO-263 Outline
1. Gate
2. Collector
3. Emitter
4. Collector
Bottom Side
Pins: 1 - Gate
2 - Collector
3 - Emitter
TO-220 Outline



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com