Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87391 Datasheet(PDF) 46 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87391
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87391 Datasheet(HTML) 46 Page - National Semiconductor (TI)

Back Button PC87391 Datasheet HTML 42Page - National Semiconductor (TI) PC87391 Datasheet HTML 43Page - National Semiconductor (TI) PC87391 Datasheet HTML 44Page - National Semiconductor (TI) PC87391 Datasheet HTML 45Page - National Semiconductor (TI) PC87391 Datasheet HTML 46Page - National Semiconductor (TI) PC87391 Datasheet HTML 47Page - National Semiconductor (TI) PC87391 Datasheet HTML 48Page - National Semiconductor (TI) PC87391 Datasheet HTML 49Page - National Semiconductor (TI) PC87391 Datasheet HTML 50Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
46
www.national.com
2.10.11 SuperI/O Configuration A Register (SIOCFA)
Location:
Index 2Ah
Type:
R/W
Bit
76543210
Name
Pin 53 PPM
FDC Func-
tion Select
Pin 66
Function
Select
Reserved
Reset
00110111
Bit
Description
7
Pin 53 PPM FDC Function Select. This bit defines which of the following two FDC signals will appear on the PPM.
0: DENSEL (default)
1: DRATE1
6-5
Pin 66 Function Select
Bits
Function
6 5
0 0
Reserved
0 1
PWUREQ (default)
1 0
Reserved
1 1
IRSL3
4-0
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com