Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PST596 Datasheet(PDF) 3 Page - Mitsumi Electronics, Corp.

Part # PST596
Description  System Reset
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUMI [Mitsumi Electronics, Corp.]
Direct Link  https://www.mitsumi.co.jp/index_e.html
Logo MITSUMI - Mitsumi Electronics, Corp.

PST596 Datasheet(HTML) 3 Page - Mitsumi Electronics, Corp.

  PST596 Datasheet HTML 1Page - Mitsumi Electronics, Corp. PST596 Datasheet HTML 2Page - Mitsumi Electronics, Corp. PST596 Datasheet HTML 3Page - Mitsumi Electronics, Corp. PST596 Datasheet HTML 4Page - Mitsumi Electronics, Corp. PST596 Datasheet HTML 5Page - Mitsumi Electronics, Corp.  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
MITSUMI
System Reset PST596~598
Electrical Characteristics (Ta=25°C)
*1 : TPLH ; VCC= (Vs typ.-0.4V) (Vs typ.+0.4V)
*2 : TPLH ; VCC= (Vs typ.+0.4V) (Vs typ.-0.4V)
Note 3: Connect manual reset pin to GND when not using.
Recommended Operating Conditions
Item
Symbol
Rating
Units
Operating temperature
TOPR
-20~+75
°C
Power supply voltage
VCC
-0.3~+12
V
Item
Symbol Measuring circuit
Measurement conditions
Min. Typ. Max. Units
C
4.3
4.5
4.7
D
4.0
4.2
4.4
E
3.7
3.9
4.1
VCC=H
L
F
3.4
3.6
3.8
Detection voltage
Vs
1
RL=470
Ω
G
3.1
3.3
3.5
V
VOL <
= 0.4V
H
2.9
3.1
3.3
I
2.75 2.90 3.05
J
2.55 2.70 2.85
K
2.35 2.50 2.65
L
2.15 2.30 2.45
Hysteresis voltage
Vs
1
VCC=L
H
L, RL=470
Ω
30
50
100
mV
Detection voltage
temperature coefficient
Vs/
T
1
RL=470
Ω, Ta=-20°C~+75°C
±0.01
%/°C
Low-level output voltage
VOL
1
VCC=Vs min. -0.05V, RL=470
Ω
0.1
0.4
V
Output leakage current
IOH
1VCC=10V
±0.1
µA
Circuit current while on
ICCL
1
VCC=Vs min. -0.05V, RL=
∞
300
500
µA
Circuit current while off
ICCH
1VCC=Vs typ./0.85V, RL=
∞
15
25
µA
RL=4.7k
Ω
PST596
30
50
75
"H" transport delay time
TPLH
2CL=100pF
PST597
60
100
150
mS
*1
PST598
120
200
300
"L" transport delay time
TPHL
2RL=4.7k
Ω, CL=100pF, *220
µS
Operating power supply voltage
VOPL
1RL=4.7k
Ω, VOL <= 0.4V
0.65 0.85
V
Output current while on 1
IOL11
VCC=Vs min. -0.05V, RL=0
8
mA
Output current while on 2
IOL21
VCC=Vs min. -0.05V, RL=0
6mA
Ta=-20~+75°C
M/R pin input H voltage
VRESH
2.0
V
M/R pin input H current
IRESH
VRESH=2.0V
10
60
µA
M/R pin input low voltage
VRESL
-0.3
0.8
V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com