Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PC87393F-VJG Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # PC87393F-VJG
Description  100-Pin LPC SuperI/O Devices for Portable Applications
PDF  148 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

PC87393F-VJG Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button PC87393F-VJG Datasheet HTML 35Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 36Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 37Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 38Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 39Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 40Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 41Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 42Page - National Semiconductor (TI) PC87393F-VJG Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 148 page
background image
2.0 Device Architecture and Configuration (Continued)
39
www.national.com
2.10.3
SuperI/O Configuration 2 Register (SIOCF2)
Location:
Index 22h
Type:
R/W
Bit
7654
3
210
Name
Pin 87
Function
Select
Pins 95-90
Function
Select
Pins 81-74
Function
Select
Pins 3-1 and 100-96
Function
Select
Reset
Strap
Strap
Strap
Strap
Bit
Description
7-6
Pin 87 Function Select
Bits
Function
7 6
0 0
GPIO26 (default for all XCNF2-0 values, except x01)
0 1
XA6 (default when XCNF2-0 is x01)
1 0
PIRQA
1 1
XSTB2
5-4
Pins 95-90 Function Select
Bits
Function
5 4
0 0
GPIO20-24, XSTB1 (default when XCNF2-0 is x00)
0 1
XA5-0 (default when XCNF2-0 is x01)
1 0
XA3-0, XSTB0, XSTB1 (default for all XCNF2-0 values, except x00 and x01)
1 1
Reserved
3-2
Pins 81-74 Function Select1
Bits
Function
3 2
0 0
GPIO10-17 (default when XCNF2-0 is x00, 110 or 111)
0 1
XA12-19 (default when XCNF2-0 is x01, 010 or 011)
1 0
JOYABTN1, JOYBBTN1, JOYAY, JOYBY, JOYAX, JOYBX, JOYABTN0, JOYBBTN0
1 1
RI2, DTR2_BOUT2, CTS2, SOUT2, RTS2, SIN2, DSR2, DCD2
1.
In the PC87391, these pins are pulled up after reset by an internal pull-up resistor. Software should set this
field to 11 to enable the UART 2 function.
1-0
Pins 3-1 and 100-96 Function Select
Bits
Function
1 0
0 0
GPIO00-07 (default when XCNF2-0 is x00)
0 1
XD0-7 (default for all XCNF2-0 values, except x00)
1 0
JOYABTN1, JOYBBTN1, JOYAY, JOYBY, JOYAX, JOYBX, JOYABTN0, JOYBBTN0
1 1
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com